Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 18Page - Texas Instruments MSP430 Datasheet HTML 19Page - Texas Instruments MSP430 Datasheet HTML 20Page - Texas Instruments MSP430 Datasheet HTML 21Page - Texas Instruments MSP430 Datasheet HTML 22Page - Texas Instruments MSP430 Datasheet HTML 23Page - Texas Instruments MSP430 Datasheet HTML 24Page - Texas Instruments MSP430 Datasheet HTML 25Page - Texas Instruments MSP430 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
7 Detailed Description
7.1 Overview
The AFEx8101 feature a 16-bit (AFE88101) or 14
‑bit (AFE78101) string DAC with voltage output buffer. Both
devices are capable of operating from supplies as low as 1.71 V at very low power, and are designed for 4-mA to
20-mA, loop-powered applications. The AFEx8101 have two different DAC output voltage ranges depending on
supply voltage, and two other ranges depending on configuration. The DAC has calibration registers for setting
gain and offset values for adjusting the DAC outputs. The DAC also has different output slewing modes that
allow for a programmable linear slew and a sinusoidal shaped output slew.
The AFEx8101 also feature a 12
‑bit SAR ADC that can be multiplexed to measure different inputs, including
external nodes and internal nodes for diagnostic measurements on the device. The ADC is capable of making
direct-mode measurements with on-demand conversions or auto-mode measurements through continuous
conversions using a channel sequencer with a multiplexer. The devices have optional alarm configurations with
fault detection and alarm actions.
Device communication and programming are done through an SPI or through the UART break mode (UBM).
With the SPI, a cyclic redundancy check (CRC) is implemented by default, which can be disabled. Additionally,
communications can be monitored with a watchdog timer (WDT) that alerts the user if the device becomes
unresponsive to periodic communication.
The AFEx8101 feature a 1.25-V, onboard precision voltage reference, and an integrated precision oscillator.
Throughout this data sheet, register and bit names are combined with a period to use the following format:
<register_name>.<bit_name>. For example, the CLR bit in the DAC_CFG register is labeled DAC_CFG.CLR.
7.2 Functional Block Diagram
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
Watchdog
Timer
CRC Frame
Error Check
ALARM
Control Logic
CS
SDI
SDO
SCLK
SCLR
UARTIN
UARTOUT
PVDD
VDD
GND
Internal
Reference
VREFIO
REF_EN
REF_GND
IOVDD
RESET
Internal
Oscillator
CLK_OUT
IRQ (UARTOUT or SDO)
Output Buffer
Range Setting
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com