Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
6.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = VDD = IOVDD =
1.8 V, external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT DAC OUTPUT CHARACTERISTICS
Output voltage range
RANGE = 0, PVDD = VDD
0.15
1.25
V
RANGE = 1, PVDD = VDD
0.2
1.0
RANGE = 0, PVDD > 2.7 V, VDD generated
0.3
2.5
RANGE = 1, PVDD > 2.7 V, VDD generated
0.4
2.0
VOUT alarm output high
PVDD > 2.7 V, VDD internally generated
–6%
2.5
+6%
V
PVDD = VDD
–6%
1.25
+6%
VOUT alarm output low
PVDD > 2.7 V, VDD internally generated
–5%
0.3
+5%
V
PVDD = VDD
–5%
0.15
+5%
RLOAD
Resistive load(2)
10
kΩ
CLOAD
Capacitive load(2)
100
pF
Load regulation
DAC at midscale, –1 mA ≤ IOUT ≤ +1 mA
10
µV/mA
Short-circuit current
Full scale output shorted to GND
5
mA
Zero output shorted to VDD
5
Output voltage headroom to PVDD
DAC at full code, IOUT = 1 mA (sourcing)
200
mV
Output voltage footroom to GND
DAC at zero code, IOUT = 1 mA (sinking)
200
mV
ZO
DC small signal output impedance
DAC at midscale
10
mΩ
Output Hi-Z
500
kΩ
Power supply rejection ratio (dc)
DAC at midscale; PVDD = 1.8 V ± 10%
0.1
mV/V
Output voltage drift vs time, 1000 hours
TA = 35°C, VOUT = midscale, ideal VREF
±5
ppm FSR
DIAGNOSTIC ADC
Input voltage range
PVDD = VDD
0
1.25
V
PVDD > 2.7 V
0
2.5
Resolution
12
Bits
DNL
Differential nonlinearity
Specified 12-bit monotonic
–1
±0.2
1
LSB
INL
Integral nonlinearity
–4
±1
4
LSB
OE
Offset error
After calibration
–10
±1.6
10
LSB
GE
Gain error
–0.8
±0.13
0.8
%FSR
Noise
±4
LSB
Input capacitance
6
pF
Input bias current
ADC not converting
–50
50
nA
Acquisition time
52
µs
Conversion time
210
µs
Conversion rate
3.84
kSPS
Temperature sensor accuracy
5
°C
INTERNAL OSCILLATOR
Frequency
TA = –40°C to +125°C
1.2165
1.2288
1.2411
MHz
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com