Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 2 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 2 Page - Bridgetek Pte Ltd.

  BT817Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Copyright © Bridgetek Pte Ltd
2
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
1 Typical Applications
Point of Sales Machines
Multi-function Printers
Instrumentation
Home Security Systems
Graphic touch pad – remote, dial pad
Tele / Video Conference Systems
Phones and Switchboards
Medical Appliances
Blood Pressure displays
Heart monitors
Glucose level displays
Breathalyzers
Gas chromatographs
Power meter
Home appliance devices
Set-top box
Thermostats
Sprinkler system displays
GPS / Satnav
Vending Machine Control Panels
Elevator Controls
……and many more
1.1 Part Numbers
Part Number
Description
Package
BT817Q-x
EVE4 with ASTC and external NOR flash,
capacitive touch
64 Pin VQFN, body 9 x 9 mm, pitch
0.5mm
BT818Q-x
EVE4 with ASTC and external NOR flash,
resistive touch
64 Pin VQFN, body 9 x 9 mm, pitch
0.5mm
Table 1- BT817/8 Embedded Video Engine Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel (3000 pcs per reel)
-T: Tray packing (260 pcs per tray)
For example: BT817Q-R is 3000 VQFN pieces in taped and reel packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com