Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 42 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 42 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Copyright © Bridgetek Pte Ltd
42
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
3020FCh
REG_CMD_WRITE
12 r/o
0 Command buffer write pointer
302100h
REG_CMD_DL
13 r/w
0 Command display list offset
302104h
REG_TOUCH_MODE
2 r/w
3 Touch-screen sampling mode
302108h
REG_TOUCH_ADC_MODE
REG_CTOUCH_EXTENDED
1 r/w
1 Set Touch ADC mode
Set capacitive touch operation
mode:
0: extended mode (multi-touch)
1: FT800 compatibility mode
(single touch).
30210Ch
REG_TOUCH_CHARGE
REG_EHOST_TOUCH_X
16 r/w
9000 Touch charge time, units of 6
clocks
Touch host mode: touch x value
updated by host
302110h
REG_TOUCH_SETTLE
4 r/w
3 Touch settle time, units of 6
clocks
302114h
REG_TOUCH_OVERSAMPL
E
REG_EHOST_TOUCH_ID
4 r/w
7 Touch oversample factor
Touch host mode: touch ID, 0-4
302118h
REG_TOUCH_RZTHRESH
REG_EHOST_TOUCH_Y
16 r/w
FFFFh Touch resistance threshold
Touch host mode: touch x value
updated by host
30211Ch
REG_TOUCH_
RAW_XY
REG_CTOUCH_TOUCH1_X
Y
32 r/o
- Compatibility mode: touch-screen
raw (x-MSB16; y-LSB16)
Extended mode: touch-screen
screen data for touch 1 (x-
MSB16; y-LSB16)
302120h
REG_TOUCH_RZ
REG_CTOUCH_TOUCH4_Y
16 r/o
-
Compatibility mode: touch-
screen resistance
Extended mode: touch-screen
screen Y data for touch 4
302124h
REG_TOUCH_
SCREEN_XY
REG_CTOUCH_TOUCH0_X
Y
32 r/o
- Compatibility mode: touch-screen
screen (x-MSB16; y-LSB16)
Extended mode: touch-screen
screen data for touch 0 (x-
MSB16; y-LSB16)
302128h
REG_TOUCH_
TAG_XY
32 r/o
- Touch-screen screen (x-MSB16;
y-LSB16) used for tag 0 lookup
30212Ch
REG_TOUCH_TAG
8 r/o
- Touch-screen tag result 0
302130h
REG_TOUCH_
TAG1_XY
32 r/o
- Touch-screen screen (x-MSB16;
y-LSB16) used for tag 1 lookup
302134h
REG_TOUCH_TAG1
8 r/o
- Touch-screen tag result 1
302138h
REG_TOUCH_
TAG2_XY
32 r/o
- Touch-screen screen (x-MSB16;
y-LSB16) used for tag 2 lookup
30213Ch
REG_TOUCH_TAG2
8 r/o
- Touch-screen tag result 2
302140h
REG_TOUCH_
TAG3_XY
32 r/o
- Touch-screen screen (x-MSB16;
y-LSB16) used for tag 3 lookup
302144h
REG_TOUCH_TAG3
8 r/o
- Touch-screen tag result 3
302148h
REG_TOUCH_
TAG4_XY
32 r/o
- Touch-screen screen (x-MSB16;
y-LSB16) used for tag 4 lookup
30214Ch
REG_TOUCH_TAG4
8 r/o
- Touch-screen tag result 4
302150h
REG_TOUCH_TRANSFORM
_A
32 r/w
00010000h Touch-screen transform
coefficient (s15.16)
302154h
REG_TOUCH_TRANSFORM
_B
32 r/w
00000000h Touch-screen transform
coefficient (s15.16)
302158h
REG_TOUCH_TRANSFORM
_C
32 r/w
00000000h Touch-screen transform
coefficient (s15.16)
30215Ch
REG_TOUCH_TRANSFORM
_D
32 r/w
00000000h Touch-screen transform
coefficient (s15.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com