Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 40 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 40 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Copyright © Bridgetek Pte Ltd
40
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
5 Memory Map
All memory and registers in the BT817/8 core are memory mapped in 22-bit address space with a 2-
bit SPI command prefix. Prefix 0'b00 for read and 0'b10 for write to the address space, 0'b01 is
reserved for Host Commands and 0'b11 undefined. The following are the memory space definition.
Start
Address
End
Address
Size
NAME
Description
00 0000h
0F FFFFh
1024 kB
RAM_G
General purpose graphics RAM
20 0000h
2F FFFFh
1024 kB
ROM
ROM codes, font table and bitmap
30 0000h
30 1FFFh
8 kB
RAM_DL
Display List RAM
30 2000h
30 2FFFh
4 kB
RAM_REG
Registers
30 8000h
30 8FFFh
4 kB
RAM_CMD
Command buffer
30 9800h
30 98FFh
128 B
RAM_ERR_REPORT
Coprocessor fault report RAM
30 B000h
30 B7FFh
2 kB
RAM_JTBOOT
Touch control codes
80 0000h
107F FFFFh
256 MB
FLASH
External NOR flash memory. Maximum
256MB. The address is used by internal
command only.
Table 5-1 BT817/8 Memory Map
Note 1: The addresses beyond this table are reserved and shall not be read or written unless
otherwise specified.
5.1 Registers
Table
5-2
shows
the
complete
list
of
the
BT817/8
registers.
Refer
to
BT81X_Series_Programming_Guide, Chapter 3 for details of the register function.
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302000
h
REG_ID
8 r/o
7Ch Identification register, always
reads as 7Ch
302004h
REG_FRAMES
32 r/o
0 Frame counter, since reset
302008h
REG_CLOCK
32 r/o
0 Clock cycles, since reset
30200Ch
REG_FREQUENCY
28 r/w
48000000 Main clock frequency (Hz).
Firmware sets to 60000000 at
boot.
302010h
REG_RENDERMODE
1 r/w
0 Rendering mode: 0 = normal, 1
= single-line
302014h
REG_SNAPY
11 r/w
0 Scanline select for RENDERMODE
1
302018h
REG_SNAPSHOT
1 r/w
- Trigger for RENDERMODE 1
30201Ch
REG_SNAPFORMAT
6 r/w
20h Pixel format for scanline readout
302020h
REG_CPURESET
3 r/w
2 Graphics, audio and touch
engines reset control. Bit2: audio,
bit1: touch, bit0: graphics
302024h
REG_TAP_CRC
32 r/o
- Live video tap crc. Frame CRC is
computed every DL SWAP.
302028h
REG_TAP_MASK
32 r/w
FFFFFFFFh Live video tap mask
30202Ch
REG_HCYCLE
12 r/w
224h Horizontal total cycle count
302030h
REG_HOFFSET
12 r/w
02Bh Horizontal display start offset
302034h
REG_HSIZE
12 r/w
1E0h Horizontal display pixel count
302038h
REG_HSYNC0
12 r/w
000h Horizontal sync fall offset
30203Ch
REG_HSYNC1
12 r/w
029h Horizontal sync rise offset
302040h
REG_VCYCLE
12 r/w
124h Vertical total cycle count
302044h
REG_VOFFSET
12 r/w
00Ch Vertical display start offset
302048h
REG_VSIZE
12 r/w
110h Vertical display line count
30204Ch
REG_VSYNC0
10 r/w
000h Vertical sync fall offset
302050h
REG_VSYNC1
10 r/w
00Ah Vertical sync rise offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com