Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 8 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 8 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Copyright © Bridgetek Pte Ltd
8
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
3.3 Pin Description
Pin Number
Pin Name
Type
Description
BT817
BT818
1
1
R0
O
Bit 0 of Red RGB signals
Powered from pin VCCIO2
2
2
VCC1V2
P
1.2V digital core supply. Connect to VOUT1V2 pin
on PCB. A 0.1uF + 1uF decoupling capacitors are
recommended
3
3
SCK
I
SPI clock input
Powered from pin VCCIO1
4
4
MISO
I/O
SPI Single mode: SPI MISO output
SPI Dual/Quad mode: SPI data line 1
Powered from pin VCCIO1
5
5
MOSI
I/O
SPI Single mode: SPI MOSI input
SPI Dual/Quad mode: SPI data line 0
Powered from pin VCCIO1
6
6
CS_N
I
SPI slave select input
Powered from pin VCCIO1
7
7
GPIO0/IO2
I/O
SPI Single/Dual mode: General purpose IO 0
SPI Quad mode: SPI data line 2
Powered from pin VCCIO1
8
8
GPIO1/IO3
I/O
SPI Single/Dual mode: General purpose IO 1
SPI Quad mode: SPI data line 3
Powered from pin VCCIO1
9
9
VCCIO1
P
I/O power supply for host interface pins. Support
1.8V, 2.5V or 3.3V.
10
10
GPIO2
I/O
General purpose IO 2
Powered from pin VCCIO1
11
11
INT_N
OD/
O
Interrupt to host, open drain output (default) or
push-pull output, active low
12
12
PD_N
I
Chip power down mode control input, active low.
Connect to MCU GPIO for power management or
hardware reset function, or pulled up to VCCIO1 if
not used.
Powered from pin VCCIO1
13
13
GPIO3
I/O
General purpose IO 3
Powered from pin VCCIO1
14
14
SPIM_SCLK
O
SPI flash clock output line. Leave floating if not
used.
Powered from pin VCCIO3
15
15
SPIM_SS_N
O
SPI flash chip select output line. Leave floating if
not used.
Powered from pin VCCIO3
16
16
SPIM_MOSI
I/O
SPI flash MOSI line. Leave floating if not used.
Powered from pin VCCIO3
17
17
VCCIO3
P
I/O power supply for SPIM pins. Support 1.8V,
2.5V or 3.3V.
VCCIO3 can be connected to different voltage with
VCCIO1 or VCCIO2.
18
18
SPIM_MISO
I/O
SPI flash MISO line. Connect to GND if not used.
Powered from pin VCCIO3
19
19
SPIM_IO2
I/O
SPI flash IO2 line. Leave floating if not used.
Powered from pin VCCIO3
20
20
SPIM_IO3
I/O
SPI flash IO3 line. Leave floating if not used.
Powered from pin VCCIO3
21
21
X1/CLK
I
Crystal oscillator input
3.3V peak input allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com