Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 44 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 44 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Copyright © Bridgetek Pte Ltd
44
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302618h
REG_PCLK_2X
1 r/w
0 Core scan out 2 pixel data per
system clock
309000h
REG_TRACKER
32 r/w
0 Tracker register 0
309004h
REG_TRACKER_1
32 r/w
0 Tracker register 1
309008h
REG_TRACKER_2
32 r/w
0 Tracker register 2
30900Ch
REG_TRACKER_3
32 r/w
0 Tracker register 3
309010h
REG_TRACKER_4
32 r/w
0 Tracker register 4
309014h
REG_MEDIAFIFO_READ
32 r/o
- Media FIFO read offset
309018h
REG_MEDIAFIFO_WRITE
32 r/w
0 Media FIFO write offset
309024h
REG_FLASH_SIZE
32 r/o
- Detected flash capacity, in
Mbytes
30902Ch
REG_ANIM_ACTIVE
32 r/o
- 32-bit mask of currently playing
animations
30914Eh
REG_PLAY_CONTROL
8 r/w
0 Video playback control. 0: pause,
1: play, ffh: exit
Table 5-2 Overview of BT817/8 Registers
Note: All register addresses are 4-byte aligned. The value in the “Bits” column refers to the number of
valid bits from bit 0 unless otherwise specified; other bits are reserved.
5.2 Chip ID
The BT817/8 Chip ID can be read at memory location 0C0000h – 0C0003h. The reset values of these
bytes are:
-
0C0000h: 08h
-
0C0001h: 17h (BT817), 18h(BT818)
-
0C0002h: 01h
-
0C0003h: 00h
Note that the Chip ID memory location is part of RAM_G, which can be over-written by the user
software. A reset event defined in section 4.9.4 will bring back the Chip ID information in these memory
locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com