| Electronic Components Datasheet Search |
|
BT817Q-R Datasheet(PDF) 31 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
BT817Q-R Datasheet(HTML) 31 Page - Bridgetek Pte Ltd. |
|
31 / 59 page ![]() Copyright © Bridgetek Pte Ltd 31 BT817/8 Advanced Embedded Video Engine Datasheet Version 1.1 Document No.: BRT_000302 Clearance No.: BRT#154 50 D3 146.8 94 A#6 1864.7 51 D#3 155.6 95 B6 1975.5 52 E3 164.8 96 C7 2093.0 53 F3 174.6 97 C#7 2217.5 54 F#3 185.0 98 D7 2349.3 55 G3 196.0 99 D#7 2489.0 56 G#3 207.7 100 E7 2637.0 57 A3 220.0 101 F7 2793.8 58 A#3 233.1 102 F#7 2960.0 59 B3 246.9 103 G7 3136.0 60 C4 261.6 104 G#7 3322.4 61 C#4 277.2 105 A7 3520.0 62 D4 293.7 106 A#7 3729.3 63 D#4 311.1 107 B7 3951.1 64 E4 329.6 108 C8 4186.0 Table 4-18 MIDI Note Effect 4.7.2 Audio Playback The BT817/8 can play back recorded sound through its audio output. To do this, load the original sound data into the BT817/8’s RAM, and set registers to start the playback. The registers controlling audio playback are: REG_PLAYBACK_START: the start address of the audio data REG_PLAYBACK_LENGTH: the length of the audio data, in bytes REG_PLAYBACK_FREQ: the playback sampling frequency, in Hz REG_PLAYBACK_FORMAT: the playback format, one of LINEAR SAMPLES, uLAW SAMPLES, or ADPCM SAMPLES REG_PLAYBACK_LOOP: if zero, the sample is played once. If one, the sample is repeated indefinitely REG_PLAYBACK_PLAY: a write to this location triggers the start of audio playback, regardless of writing ‘0’ or ‘1’. Read back ‘1’ when playback is ongoing, and ‘0’ when playback finishes REG_VOL_PB: playback volume, 0-255 The mono audio formats supported are 8-bits PCM, 8-bits uLAW and 4-bits IMA-ADPCM. For ADPCM_SAMPLES, each sample is 4 bits, so two samples are packed per byte, the first sample is in bits 0-3 and the second is in bits 4-7. The current audio playback read pointer can be queried by reading the REG_PLAYBACK_READPTR. Using a large sample buffer, looping, and this read pointer, the host MPU/MCU can supply a continuous stream of audio. 4.8 Touch-Screen Engine The BT817/8 touch-screen engine supports both resistive and capacitive touch panels. BT818 supports resistive touch, while BT817 supports capacitive touch. 4.8.1 Resistive Touch Control The resistive touch-screen consists of a touch screen engine, ADC, Axis-switches, and ADC input multiplexer. The touch screen engine reads commands from the memory map register and generates |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |