Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 35 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 35 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Copyright © Bridgetek Pte Ltd
35
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
FW_WR(patch++, i_set);
}
FW_WR(patch, i_eol);
VC.wr(REG_CPURESET, 0);
}
The CTPM can be enabled in low power state when the touch function is not required by the
application. Setting the low-power bit in REG_TOUCH_CONFIG will enable the low power mode of the
CTPM. When the low-power bit is cleared, the BT817 touch engine will send a reset to the CTPM, thus
re-enabling the touch detection function.
4.8.7
Host Driven Multi-Touch
If the host MCU can provide touch inputs, it can supply them directly to the BT817 using touch host
mode. By using touch host mode, an application can choose to select a touch controller that is not in
the BT817 direct support list. For example, Touch Host mode would allow controllers to be used from
other manufacturers beyond Focaltech and Goodix.
To use the touch host mode, the host MCU shall be connected to the touch panel directly. The four
touch related pins of the BT817 can be left unconnected on the PCB. The host MCU is responsible for
communicating with the touch controller, fetching the touch data when reported, and writing the touch
data to the BT817 for touch TAG lookup and reporting.
The touch host mode can be entered by setting bit 14 in register REG_TOUCH_CONFIG and resetting
the touch engine:
-
Hold the touch engine in reset (set REG_CPURESET = 2)
-
Write 1 to bit 14 in REG_TOUCH_CONFIG (set REG_TOUCH_CONFIG = 0x4000)
-
Release the touch engine reset (set REG_CPURESET = 0)
Figure 4-9 Touch Host Mode Connections
In touch host mode, the host supplies touch information via four registers:
BT817
address
Register Name
Bits
Description
0x30210c
REG_EHOST_TOUCH_X
Unsigned
16-bit
Touch x coordinate
0x302118
REG_EHOST_TOUCH_Y
Unsigned
16-bit
Touch y coordinate
0x302114
REG_EHOST_TOUCH_ID
4-bit
Touch ID / phase
0x302170
REG_EHOST_TOUCH_ACK
4-bit
Acknowledgement
Table 4-21
Registers for Touch Host Mode
The host writes raw (x; y) coordinates and IDs to the above registers. Up to 5 touches can be set,
using touch IDs 0-4. The host indicates no touch by supplying coordinates (0x8000; 0x8000). When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com