Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 1 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 1 Page - Bridgetek Pte Ltd.

  BT817Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Copyright © Bridgetek Pte Ltd
1
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Bridgetek Pte Ltd
BT817/8 Advanced
Embedded Video
Engine Datasheet
The BT817/8 are easy to use graphic
controllers
targeted
at
embedded
applications
to
generate
high-quality
Human Machine Interfaces (HMIs). They
have the following features:
Advanced Embedded Video Engine
(EVE) with high resolution graphics
and video playback
Graphic control, audio control, and
touch control interface
Supports
multiple
widgets
for
simplified design implementation
Built-in
graphics
operations
allow
users with little expertise to create
high-quality displays
Supports Adaptive Scalable Texture
Compression (ASTC) format to save
considerable memory space for larger
fonts and graphics images
Supports external QSPI NOR flash up
to 2Gbit to store and fetch graphic
elements (image, font, widget etc.)
Supports 4-wire resistive touch screen
(BT818)
Supports capacitive touch screen with
up to 5 touch point detection (BT817)
Hardware engine can recognize touch
tags and track touch movement.
Provides notification for up to 255
touch tags
Enhanced sketch processing
Built-in 12MHz crystal oscillator with
PLL providing programmable system
clock up to 72MHz
Video RGB parallel output; configurable to support PCLK
up to 96MHz with separate PLL(PLL2), and R/G/B output
of 1 to 8 bits (including RGB565, RGB666 and RGB888)
Programmable timing to adjust HSYNC and VSYNC
timing, enabling interfacing to numerous displays
Support for LCD displays with up to 1 Mega pixels in
total, and up to 2048 pixels per line
Supported
LCD
resolutions:
1920x480,
1440x540,
1280x800, 1024x600, 800x600, 800x480, 480x272,
320x240 and many others
Supports landscape and portrait orientations
High-quality cubic filter to output pixels to correct for
panels with non-square pixels
Adaptive framerate and Adaptive HSYNC modes
Integrated 1MByte graphics RAM, no frame buffer RAM
required
Supports playback of motion-JPEG encoded AVI videos
Mono audio channel output with Sigma-delta
Built-in sound synthesizer
PWM output for display backlight dimming control
Advanced object oriented architecture enables low cost
MPU/MCU as system host using SPI interfaces
Supports SPI data lines in single, dual or quad mode; SPI
clock up to 30MHz
Power mode control allows the chip to be put in power
down, sleep and standby states
Supports I/O voltage from 1.8V to 3.3V (5V tolerant)
Internal voltage regulator supplies 1.2V to the digital core
Built-in Power-on-reset circuit
-40°C to 85°C extended operating temperature range
Available in a compact Pb-free, VQFN-64 package, RoHS
compliant
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or
implied. Bridgetek Pte Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system
in which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied
by the publication of this document. Bridgetek Pte Ltd, 178 Paya Lebar Road, #07-03, Singapore 409030. Singapore Registered
Company Number: 201542387H


Similar Part No. - BT817Q-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT817A ETC-BT817A Datasheet
759Kb / 110P
VideoStream Decoders
logo
Bridgetek Pte Ltd.
BT817A BRIDGETEK-BT817A Datasheet
1Mb / 58P
Automotive Advanced Video Engine
Version 1.0
logo
List of Unclassifed Man...
BT817AKPF ETC-BT817AKPF Datasheet
759Kb / 110P
VideoStream Decoders
BT817AKTF ETC-BT817AKTF Datasheet
759Kb / 110P
VideoStream Decoders
logo
Bridgetek Pte Ltd.
BT817AQ-R BRIDGETEK-BT817AQ-R Datasheet
1Mb / 58P
Automotive Advanced Video Engine
Version 1.0
More results

Similar Description - BT817Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817A BRIDGETEK-BT817A Datasheet
1Mb / 58P
Automotive Advanced Video Engine
Version 1.0
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com