Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 41 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 41 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Copyright © Bridgetek Pte Ltd
41
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302054h
REG_DLSWAP
2 r/w
0 Display list swap control
302058h
REG_ROTATE
3 r/w
0 Screen rotation control. Allow
normal/mirrored/inverted for
landscape or portrait orientation.
30205Ch
REG_OUTBITS
9 r/w
0 Output bit resolution, 3 register
bits each for R/G/B data pins. 0
indicates 8 bits, 1-7 indicates 1-7
bits respectively.
302060h
REG_DITHER
1 r/w
1 Output dither enable
302064h
REG_SWIZZLE
4 r/w
0 Output RGB signal swizzle
302068h
REG_CSPREAD
1 r/w
1 Output clock spreading enable
30206Ch
REG_PCLK_POL
1 r/w
0 PCLK polarity:
0: output on PCLK rising edge,
1: output on PCLK falling edge
302070h
REG_PCLK
8 r/w
0 PCLK frequency divider
0: disable
1: EXTSYNC mode
2-255: divider from system clock
302074h
REG_TAG_X
11 r/w
0 Tag query X coordinate
302078h
REG_TAG_Y
11 r/w
0 Tag query Y coordinate
30207Ch
REG_TAG
8 r/o
0 Tag query result
302080h
REG_VOL_PB
8 r/w
FFh Volume for playback
302084h
REG_VOL_SOUND
8 r/w
FFh Volume for synthesizer sound
302088h
REG_SOUND
16 r/w
0 Sound effect select
30208Ch
REG_PLAY
1 r/w
0h Start effect playback
302090h
REG_GPIO_DIR
8 r/w
80h Legacy GPIO pin direction,
0 = input , 1 = output
302094h
REG_GPIO
8 r/w
00h Legacy GPIO read/write
302098h
REG_GPIOX_DIR
16 r/w
8000h Extended GPIO pin direction,
0 = input , 1 = output
30209Ch
REG_GPIOX
16 r/w
0080h Extended GPIO read/write
3020A0h
-
3020A4h
Reserved
-
-
- Reserved
3020A8h
REG_INT_FLAGS
9 r/o
000h Interrupt flags, clear by read
3020Ach
REG_INT_EN
1 r/w
0 Global interrupt enable, 1=enable
3020B0h
REG_INT_MASK
9 r/w
1FFh Individual interrupt enable,
1=enable. Firmware sets to ffh at
boot.
3020B4h
REG_PLAYBACK_START
20 r/w
0 Audio playback RAM start address
3020B8h
REG_PLAYBACK_LENGTH
20 r/w
0 Audio playback sample length
(bytes)
3020BCh
REG_PLAYBACK_READPTR
20 r/o
- Audio playback current read
pointer
3020C0h
REG_PLAYBACK_FREQ
16 r/w
8000 Audio playback sampling
frequency (Hz)
3020C4h
REG_PLAYBACK_FORMAT
2 r/w
0 Audio playback format
3020C8h
REG_PLAYBACK_LOOP
1 r/w
0 Audio playback loop enable
3020CCh
REG_PLAYBACK_PLAY
1 r/w
0 Start audio playback
3020D0h
REG_PWM_HZ
14 r/w
250 BACKLIGHT PWM output
frequency (Hz)
3020D4h
REG_PWM_DUTY
8 r/w
128 BACKLIGHT PWM output duty
cycle 0=0%, 128=100%
3020D8h
REG_MACRO_0
32 r/w
0 Display list macro command 0
3020DCh
REG_MACRO_1
32 r/w
0 Display list macro command 1
3020E0h
–
3020F4h
Reserved
- -
- Reserved
3020F8h
REG_CMD_READ
12 r/w
0 Command buffer read pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com