Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 16 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 16 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
Copyright © Bridgetek Pte Ltd
16
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
1st Byte
2nd byte
3rd byte
Command
Description
setting are to be updated.
Byte2[1:0] determine the drive strength.
Refer to Table 6-4 for pin group and
drive strength currents.
Byte2[1:0]
Drive Strength Degree
0h
DSD1
Low
1h
DSD2
Medium
2h
DSD3
High
3h
DSD4
Maximum
Byte2[7:2]
determine
which
pin/pin
group to set:
Byte2
[7:2]
Pin / Pin Group
00h
GPIO 0
01h
GPIO 1
02h
GPIO 2
03h
GPIO 3
04-07h
Reserved
08h
DISP
09h
DE
0Ah
VSYNC / HSYNC
0Bh
PCLK
0Ch
BACKLIGHT
0Dh
R[7:0], G[7:0], B[7:0]
0Eh
AUDIO_L
0Fh
INT_N
10h
CTP_RST_N
11h
CTP_SCL
12h
CTP_SDA
13h
SPI MISO/MOSI/IO2/IO3
14h
SPIM_SCLK
15h
SPIM_SS_N
16h
SPIM_MISO
17h
SPIM_MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com