Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 58 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 58 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Copyright © Bridgetek Pte Ltd
58
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Table 4-14 Registers for RGB Horizontal and Vertical Timings......................................................... 26
Table 4-15 Display mode ........................................................................................................... 28
Table 4-16 Output Drive Current Selection................................................................................... 28
Table 4-17 Sound Effect ............................................................................................................ 30
Table 4-18 MIDI Note Effect....................................................................................................... 31
Table 4-19 Resistive Touch Controller Operating Mode .................................................................. 32
Table 4-20 Capacitive Touch Controller Operating Mode ................................................................ 33
Table 4-21 Registers for Touch Host Mode .................................................................................. 35
Table 4-22 Power Supply ........................................................................................................... 37
Table 4-23 Pin Status ................................................................................................................ 39
Table 5-1 BT817/8 Memory Map ................................................................................................. 40
Table 5-2 Overview of BT817/8 Registers .................................................................................... 44
Table 6-1 Absolute Maximum Ratings.......................................................................................... 45
Table 6-2 ESD and Latch-Up Specifications .................................................................................. 45
Table 6-3 Operating Voltage and Current ..................................................................................... 45
Table 6-4 Digital Output Pin Drive Strength.................................................................................. 45
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +3.3V) ............................................................. 46
Table 6-6 Digital I/O Pin Characteristics (VCCIO = +2.5V) ............................................................. 46
Table 6-7 Digital I/O Pin Characteristics (VCCIO = +1.8V) ............................................................. 46
Table 6-8 Touch Sense Characteristics ........................................................................................ 47
Table 6-9 System Clock Characteristics ....................................................................................... 47
Table 6-10 SPI Interface Timing Specifications ............................................................................. 48
Table 6-11 RGB Interface Timing Characteristics .......................................................................... 48
Table 8-1 Reflow Profile Parameter Values ................................................................................... 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com