Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 17 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 17 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Copyright © Bridgetek Pte Ltd
17
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
1st Byte
2nd byte
3rd byte
Command
Description
18h
SPIM_IO2
19h
SPIM_IO3
Others
Reserved
Note: GPIO0 shares the same pin as SPI
IO2 and GPIO1 with SPI IO3. When SPI
is set in Quad mode, IO2 and IO3 will
inherit the drive strength set in GROUP
13h; otherwise GPIO0 and GPIO1 will
inherit the drive strength from GROUP
00h and 01h respectively.
01110001b
xx
00000000b
71h
PIN_PD_STA
TE
During power down, I/O pins will have
different state as compared to normal
operating mode. Please refer to Table
4-23 for their default power down state.
These settings will only be effective
during power down and will not affect
normal operations. Also note that these
configuration bits are sticky and, unlike
other configuration bits, will not reset to
default values upon exiting power down.
Only POR will reset them.
Byte2 determines which pin and the
setting are to be updated.
Byte2[1:0] determine the pin state.
Byte2 [1:0]
Pin Setting
0h
Float
1h
Pull-Down
2h
Pull-Up
3h
Reserved
Byte2[7:2]
determine
which
pin/pin
group to set.
Please refer to the table in command
PINDRIVE entry.
Table 4-5 Host Command List
Note: Any command code not specified is reserved and should not be used by the software
4.1.6
Interrupts
The interrupt output pin is enabled by REG_INT_EN. When REG_INT_EN is 0, INT_N is tri-state (pulled to
high by external pull-up resistor). When REG_INT_EN is 1, INT_N is driven low when any of the interrupt
flags in REG_INT_FLAGS are high, after masking with REG_INT_MASK. Writing a ‘1’ in any bit of
REG_INT_MASK will enable the corresponding interrupt. Each bit in REG_INT_FLAGS is set by a
corresponding interrupt source. REG_INT_FLAGS is readable by the host at any time, and clears when
read.
The INT_N pin is open-drain (OD) output by default. It can be configured to push-pull output by register
REG_GPIOX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com