Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT817Q-R Datasheet(PDF) 36 Page - Bridgetek Pte Ltd.

Part # BT817Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT817Q-R Datasheet(HTML) 36 Page - Bridgetek Pte Ltd.

Back Button BT817Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT817Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Copyright © Bridgetek Pte Ltd
36
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
the host writes 0xf to the ID register, BT817 sets the ACK register to 0, transforms all the raw
coordinates, and writes the results to the regular touch registers.
Pseudocode:
wait until REG_EHOST_TOUCH_ACK is 1
for each touch:
write x coordinate to REG_EHOST_TOUCH_X
write y coordinate to REG_EHOST_TOUCH_Y
write id to REG_EHOST_TOUCH_ID
write 0xf to REG_EHOST_TOUCH_ID
As soon as BT817 has converted the coordinates, it writes 1 to the ACK register and sets the
INT_CONV_COMPLETE interrupt flag.
The ID should be zero in touch compatibility mode. The host should indicate no touch at all by writing
(0x8000; 0x8000) with ID 0.
In extended mode, the multiple touches may be sent in any order. Any IDs not assigned are assumed
to be not pressed. Again, the host should indicate no touch at all by writing (0x8000; 0x8000) with ID
0.
The host can use three methods to ensure that BT817 is ready to accept touch inputs:
1. poll the ACK register until it is 1
2. use the INT_CONV_COMPLETE interrupt flag
3. supply touches slower than 1000 Hz, since BT817 guarantees to process the touches
in under 1 ms. Note that report rates from capacitive touch panels are about 100 Hz
Like the direct capacitive driver, this touch host mode works when REG_CTOUCH_EXTENDED is both
CTOUCH_MODE_EXTENDED and CTOUCH_MODE_COMPATIBILITY. CTOUCH_MODE_COMPATIBILITY
should be used for the calibration procedure, just as when using native capacitive support. After
changing mode, the BT817 touch engine must be reset.
4.8.8
Touch Detection in none-ACTIVE State
When the BT817/8 is in non-ACTIVE state, a touch event can still be detected and reported to the host
through the INT_N pin. In other words, a touch event can wake-up the host if needed.
For resistive touch, the INT_N pin will be asserted low when the screen is touched, regardless of the
setting of the interrupt registers. This will happen when the BT818 is in STANDBY or SLEEP state, but
not in POWERDOWN state.
For capacitive touch, the INT_N pin will follow CTP_INT_N pin when the BT817 is in STANDBY, SLEEP
or POWERDOWN state.
4.9 Power Management
4.9.1
Power Supply
The BT817/8 may be operated with a single supply of 3.3V applied to VCC and VCCIO pins. For
operation with a host MPU/MCU at a lower supply, connect the VCCIO1 to the MPU IO supply to match
the interface voltage. For operation with LCD/touch panels at lower voltages, connect the VCCIO2 to
the LCD/touch IO supply.
Symbol
Typical
Description
VCCIO1
1.8V, or 2.5V, or
3.3V
Supply for Host interface digital I/O pins
VCCIO2
1.8V, or 2.5V, or
3.3V
Supply for RGB and touch interface I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com