Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 22 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 22 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Copyright © Bridgetek Pte Ltd
22
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
4.5.4
Pins Drive Current Control
The output drive current of output pins can be changed as per the following table by writing to bit[6:2] of
REG_GPIO register:
REG_GPIO
Bit[6:5]
Bit[4]
Bit[3:2]
Value
00b#
01b
10b
11b
0b#
1b
00b#
01b
10b
11b
Drive
Current
4mA
8mA
12mA
16mA
4mA
8mA
4mA
8mA
12mA
16mA
Pins
GPIO1
GPIO0
PCLK
DISP
VSYNC
HSYNC
DE
R7..R2
G7..G2
B7..B2
BACKLIGHT
MISO
INT_N
Table 4-11 Output drive current selection
Note: #Default value
4.6 Audio Engine
FT800 provides mono audio output through a PWM output pin, AUDIO_L. It outputs the two audio
sources, the sound synthesizer and audio file playback.
4.6.1
Sound Synthesizer
A sound processor, AUDIO ENGINE, generates the sound effects from a small ROM library of waves table.
To play a sound effect listed in Table 4.3, load the REG_SOUND register with a code value and write 1 to
the REG_PLAY register. The REG_PLAY register reads 1 while the effect is playing and returns a ‘0’ when
the effects end. Some sound effects play continuously until it is interrupted or commanded to play the
next sound effect. To interrupt an effect, write a new value to REG_SOUND and REG_PLAY registers; e.g.
write 0 (Silence) to REG_SOUND and 1 to PEG_PLAY to stop the sound effect.
The sound volume is controlled by register REG_VOL_SOUND. The 16-bit REG_SOUND register takes an
8-bit sound in the low byte. For some sounds, marked "pitch adjust" in the table below, the high 8 bits
contain a MIDI note value. For these sounds, note value of zero indicates middle C. For other sounds the
high byte of REG_SOUND is ignored.
Value
Pitch adjust
Effect
Value
Pitch adjust
Effect
00h
N
Silence
32h
N
DTMF 2
01h
Y
square wave
33h
N
DTMF 3
02h
Y
sine wave
34h
N
DTMF 4
03h
Y
sawtooth wave
35h
N
DTMF 5
04h
Y
triangle wave
36h
N
DTMF 6
05h
Y
Beeping
37h
N
DTMF 7
06h
Y
Alarm
38h
N
DTMF 8
07h
Y
Warble
39h
N
DTMF 9
08h
Y
Carousel
40h
Y
harp
10h
Y
1 short pip
41h
Y
xylophone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com