Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 34 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 34 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Copyright © Bridgetek Pte Ltd
34
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCCIO-0.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt Hysteresis
Voltage
0.28
0.39
0.5
V
-
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tristate output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +2.5V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCCIO-0.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt Hysteresis
Voltage
0.25
0.35
0.5
V
-
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tristate output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +1.8V, Standard Drive Level)
6.3 Touch Sense Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Rsw-on
X-,X+,Y- and Y+
Drive On resistance
-
5
10
Ω
Rsw-off
X-,X+,Y- and Y+
Drive Off resistance
10M
-
-
Ω
Rpu
Touch sense pull up
resistance
72k
100k
128k
Ω
Vth+
Touch Detection
rising-edge threshold
level
1.53
1.7
1.87
V
Vth-
Touch Detection
falling-edge threshold
level
1.17
1.3
-1.47
V
Vhys
Touch Detection
Hysteresis
0.36
0.39
0.4
V
Rl
X-axis and Y-axis
drive load resistance
200
-
-
Ω
Table 6-6 Touch Sense Characteristics (VCC=3.3V)
Description
Minimum
Typical
Maximum
Units
Conditions
ADC Resolution
-
10
-
bits
Integral Nonlinearity
-
+/-1
-
LSB
Differential Nonlinearity
-
+/-0.5
-
LSB
Offset Error
-
+/-2
-
LSB
Table 6-7 ADC Characteristics (VCC=3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com