Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 36 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 36 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Copyright © Bridgetek Pte Ltd
36
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
Tosu
Output setup time
Tsclkl-5
-
Tsclkl-5
-
Tsclkl-5
-
ns
Tod
Output data delay
5
10
5
10
5
10
ns
Tcsnh
CSN hold time
15
-
15
-
15
-
ns
Table 6-9 SPI Interface Timing Specification
6.4.3
Host Interface I2C Mode Timing
Parameter
Description
Standard-
mode
Fast-mode
Fast-plus
mode
High speed
mode
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Fscl
I2C SCL clock
frequency
0
100
0
400
0
1000
0
3400
kHz
Tscll
clock low period
4.7
-
1.3
-
0.5
-
0.16
-
µs
Tsclh
clock high
period
4.0
-
0.6
-
0.26
-
0.06
-
µs
Tsu
Data setup time
250
-
100
-
50
-
10
-
ns
Thd
Data hold time
0
-
0
-
0
-
0
70
ns
Tr
Rise time
-
1000
-
300
-
120
10
40
ns
Tf
Fall time
-
300
-
300
-
120
10
40
ns
Table 6-10 I2C Interface Timing
6.4.4
RGB Video Timing
Parameter
Description
VCC=3.3V
Unit
Min
Typ
Max
Tpclk
Pixel Clock period
78
104
-
ns
Tpclkdc
Pixel Clock duty cycle
40
-
60
%
Thc
Hsync to Clock
30
-
-
ns
Thwh
HSYNC width
(REG_HSYNC1-REG_HSYNC0)
1
41
-
Tpclk
Tvwh
VSYNC width
(REG_VSYNC1-REG_VSYNC0)
1
10
-
Th
Th
HSYNC Cycle
(REG_HCYCLE)
-
525
-
Tpclk
Tvsu
VSYNC setup
30
-
-
ns
Tvhd
VSYNC hold
10
-
-
ns
Thsu
HSYNC setup
30
-
-
ns
Thhd
HSYNC hold
10
-
-
ns
Tdsu
DATA setup
20
-
-
ns
Tdhd
DATA hold
10
-
-
ns
Tesu
DE setup
30
-
-
ns
Tehd
DE hold
10
-
-
ns
Table 6-11 RGB Video timing characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com