Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 23 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 23 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Copyright © Bridgetek Pte Ltd
23
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
11h
Y
2 short pips
42h
Y
tuba
12h
Y
3 short pips
43h
Y
glockenspiel
13h
Y
4 short pips
44h
Y
organ
14h
Y
5 short pips
45h
Y
trumpet
15h
Y
6 short pips
46h
Y
piano
16h
Y
7 short pips
47h
Y
chimes
17h
Y
8 short pips
48h
Y
music box
18h
Y
9 short pips
49h
Y
bell
19h
Y
10 short pips
50h
N
click
1Ah
Y
11 short pips
51h
N
switch
1Bh
Y
12 short pips
52h
N
cowbell
1Ch
Y
13 short pips
53h
N
notch
1Dh
Y
14 short pips
54h
N
hihat
1Eh
Y
15 short pips
55h
N
kickdrum
1Fh
Y
16 short pips
56h
N
pop
23h
N
DTMF #
57h
N
clack
2Ch
N
DTMF *
58h
N
chack
30h
N
DTMF 0
60h
N
mute
31h
N
DTMF 1
61h
N
unmute
Table 4-12 Sound Effect
MIDI
note
ANSI
note
Freq
(Hz)
MIDI
note
ANSI
note
Freq (Hz)
21
A0
27.5
65
F4
349.2
22
A#0
29.1
66
F#4
370.0
23
B0
30.9
67
G4
392.0
24
C1
32.7
68
G#4
415.3
25
C#1
34.6
69
A4
440.0
26
D1
36.7
70
A#4
466.2
27
D#1
38.9
71
B4
493.9
28
E1
41.2
72
C5
523.3
29
F1
43.7
73
C#5
554.4
30
F#1
46.2
74
D5
587.3
31
G1
49.0
75
D#5
622.3
32
G#1
51.9
76
E5
659.3
33
A1
55.0
77
F5
698.5
34
A#1
58.3
78
F#5
740.0
35
B1
61.7
79
G5
784.0
36
C2
65.4
80
G#5
830.6
37
C#2
69.3
81
A5
880.0
38
D2
73.4
82
A#5
932.3
39
D#2
77.8
83
B5
987.8
40
E2
82.4
84
C6
1046.5
41
F2
87.3
85
C#6
1108.7
42
F#2
92.5
86
D6
1174.7
43
G2
98.0
87
D#6
1244.5
44
G#2
103.8
88
E6
1318.5
45
A2
110.0
89
F6
1396.9
46
A#2
116.5
90
F#6
1480.0
47
B2
123.5
91
G6
1568.0
48
C3
130.8
92
G#6
1661.2
49
C#3
138.6
93
A6
1760.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com