Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 30 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 30 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Copyright © Bridgetek Pte Ltd
30
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
5 FT800 Memory Map
All memory and registers in the FT800 core are memory mapped in 22-bits address space with 2-bits
SPI/I2C command prefix. Prefix 0'b00 for read and 0'b10 for write to the address space, 0'b01 reserved
for Host Commands and 0'b11 undefined. The following are the memory space defined.
Start
Address
End
Address
Size
NAME
Description
00 0000h
03 FFFFh
256 kB
RAM_G
Main graphics RAM
0C 0000h
0C 0003h
4 B
ROM_CHIPID
FT800 chip identification and revision
information:
Byte [0:1] Chip ID: “0800”
Byte [2:3] Version ID: “0100”
0B B23Ch
0F FFFBh
275 kB
ROM_FONT
Font table and bitmap
0F FFFCh
0F FFFFh
4 B
ROM_FONT_ADDR
Font table pointer address
10 0000h
10 1FFFh
8 kB
RAM_DL
Display List RAM
10 2000h
10 23FFh
1 kB
RAM_PAL
Palette RAM
10 2400h
10 257Fh
380 B
REG_*
Registers
10 8000 h
10 8FFFh
4 kB
RAM_CMD
Command buffer
1C 2000 h
1C 27FFh
2 kB
RAM_SCREENSHOT
Screenshot readout buffer
Table 5-1 FT800 Memory Map
Note 1: The addresses beyond this table are reserved and shall not be read or written unless otherwise
specified.
Note 2: The ROM_CHIPID utilizes a part of shadow address from ROM_FONT address space.
5.1 FT800 Registers
Table 5.1 shows the complete list of the FT800 registers. Refer to FT800 Series Programmers Guide ,
Chapter 2 for details of the register function.
Address
Register Name
Bits
Access
Reset
value
Description
102400h REG_ID
8 r/o
7Ch
Identification register, always reads as
7Ch
102404h
REG_FRAMES
32 r/o
000000
00h
Frame counter, since reset
102408h
REG_CLOCK
32 r/o
000000
00h
Clock cycles, since reset
10240Ch
REG_FREQUENCY
27 r/w
02DC6C
00h
Main clock frequency
102410h
REG_RENDERMODE
1 r/w
00h Rendering mode:
0 = normal, 1 = single-line
102414h
REG_SNAPY
9 r/w
00h Scan line select for RENDERMODE 1
102418h
REG_SNAPSHOT
1 r/o
- trigger for RENDERMODE 1
10241Ch
REG_CPURESET
1 r/w
00h Graphics, audio and touch engines
reset control
102420h
REG_TAP_CRC
32 r/o
- Live video tape crc. Frame CRC is
computed every DL SWAP.
102424h
REG_TAP_MASK
32 r/w
FFFFFFF
Fh
Live video tape mask
102428h
REG_HCYCLE
10 r/w
224h Horizontal total cycle count
10242Ch
REG_HOFFSET
10 r/w
02Bh Horizontal display start offset
102430h
REG_HSIZE
10 r/w
1E0h Horizontal display pixel count
102434h
REG_HSYNC0
10 r/w
000h Horizontal sync fall offset
102438h
REG_HSYNC1
10 r/w
029h Horizontal sync rise offset
10243Ch
REG_VCYCLE
10 r/w
124h Vertical total cycle count
102440h
REG_VOFFSET
10 r/w
00Ch Vertical display start offset
102444h
REG_VSIZE
10 r/w
110h Vertical display line count
102448h
REG_VSYNC0
10 r/w
000h Vertical sync fall offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com