Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 29 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 29 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Copyright © Bridgetek Pte Ltd
29
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
Pin
Name
Reset State
(VCC / VCCIO
ON)
Reset State
(VCC / VCCIO ON)
Default Output Drive
Strength
Active/Sta
ndby/Sleep
state (VCC
/ VCCIO
ON)
Power down
state (VCC
ON / VCC1.2
OFF)
Hybrid Mode
(VCC OFF /
VCCIO ON)
HT
Previous State
DE
Output
4mA
Output
Output Low
VSYNC
Output
4mA
Output
Output Low
HSYNC
Output
4mA
Output
Output Low
DISP
Output
4mA
Output
Output Low
PCLK
Output
4mA
Output
Output Low
R(7:2),
G(7:2),
B(7:2)
Output
4mA
Output
Output Low
Table 4-16 Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com