Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 35 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 35 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Copyright © Bridgetek Pte Ltd
35
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
6.4 AC Characteristics
6.4.1
System clock
Parameter
Value
Unit
Minimum
Typical
Maximum
Crystal
Frequency
-
12.000
-
MHz
X1/X2
Capacitance
-
5
10
pF
External clock input
Frequency
-
12.000
-
MHz
Duty cycle
45
50
55
%
Input voltage on
X1/CLKIN
-
3.3
-
Vp-p
Table 6-8 System clock characteristics (Ambient Temperature = -40°C to +85°C)
6.4.2
Host Interface SPI Mode 0
Figure 6-1 SPI Interface Timing
Parameter
Description
VCC(I/O)=1.8
V
VCC(I/O)=2.5
V
VCC(I/O)=3.3
V
Unit
Min
Max
Min
Max
Min
Max
Fsclk
SPI Clock
frequency
0
25
0
30
0
30
Mhz
Tsclk
SPI clock period
40
-
33
-
33
-
ns
Tsclkl
SPI clock low
duration
16
-
13
-
13
-
ns
Tsclkh
SPI clock high
duration
16
-
13
-
13
-
ns
Tsac
SPI access time
10
-
10
-
10
-
ns
Tisu
Input Setup
5
-
5
-
5
-
ns
Tih
Input Hold
10
-
10
-
10
-
ns
Tzo
Output enable
delay
5
10
5
10
5
10
ns
Toz
Output disable
delay
5
10
5
10
5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com