Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Copyright © Bridgetek Pte Ltd
28
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
4.8.3.5 Wake up to ACTIVE from other power states
Wake up from POWERDOWN state requires the host to pull the PD_N pin down and release, a low to high
transition enables the 1.2V regulator. POR generated when 1.2V is stable and FT800 will switch to
STANDBY mode after internal oscillator and PLL are up (maximum 20ms from PD_N rising edge). The
clock enable sequence mentioned in section 4.2.3 shall be executed to proper enable the system clock.
From SLEEP state, host MPU reads at memory address 0 to wake the FT800 into ACTIVE state. Host
needs to wait for at least 20ms before accessing any registers or commands. This is to guarantee the
crystal oscillator and PLL are up and stable.
From STANDBY state, host MPU reads at memory address 0 to wake the FT800 into ACTIVE state. Host
can immediately access any register or command.
4.8.3.6 Pin Status at Different Power States
The FT800 pin status depends on the power state of the chip. See the following table for more details. At
power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all pins retains their previous status. The
software needs to set AUDIO_L, BACKLIGHT and PCLK to a known state before issuing power transition
commands.
Pin
Name
Reset State
(VCC / VCCIO
ON)
Reset State
(VCC / VCCIO ON)
Default Output Drive
Strength
Active/Sta
ndby/Sleep
state (VCC
/ VCCIO
ON)
Power down
state (VCC
ON / VCC1.2
OFF)
Hybrid Mode
(VCC OFF /
VCCIO ON)
AUDIO_L
Tristate Output
(hi-Z)
16mA
Output
Retain
previous state
SPI_SCL
K/I2C_S
CL
Input (floating)
Input
Input (floating)
MISO/I2
C_SDA
Tristate Output
(hi-Z)
4mA
Input/output
Tristate Output
(hi-Z)
MOSI/I2
C_SA0
Input (floating)
Input
Input (floating)
CS_N/I2
C_SA1
Input (floating)
Input
Input (floating)
GPIO0/I2
C_SA2
Input (floating)
Input/output
Tristate Output
(hi-Z)
GPIO1
Tristate Output
(hi-Z)
4mA
Input/output
Tristate Output
(hi-Z)
MODE
Input
Input
Input (floating)
INT_N
Open Drain
Output (hi-Z)
4mA
Open Drain
Output
Tristate Output
(hi-Z)
PD_N
Input
Input
Input (floating)
X1/CLK
Input (floating)
Crystal
Oscillator
Input CLK
Input
Note: If
applicable,
external clock
on X1/CLK pin
should be
removed
X2
Output (hi-Z)
Crystal
Oscillator
Output
X+
Tristate Output
(hi-Z)
Input/output
Retain
Previous State
Y+
Tristate Output
(hi-Z)
Input/output
Retain
Previous State
X-
Tristate Output
(hi-Z)
Input/output
Retain
Previous State
Y-
Tristate Output
(hi-Z)
Input/output
Retain
Previous State
BACKLIG
Output
4mA
Output
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com