Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 14 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 14 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Copyright © Bridgetek Pte Ltd
14
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
For I2C command transaction, bytes are packed in the I2C protocol as follows:
[start] <DEVICE ADDRESS + write bit>
<01b,Command[5:0]>
<00h>
<00h> [stop]
1st Byte
2nd byte
3rd byte
Command
Description
Power Modes
00000000b
00000000b
00000000b
00h
ACTIVE
Switch from Standby/Sleep modes to
active mode. Dummy read from address
0 generates ACTIVE command.
01000001b
00000000b
00000000b
41h
STANDBY
Put FT800 core to standby mode. Clock
gate off, PLL and Oscillator remain on
(default).
01000010b
00000000b
00000000b
42h
SLEEP
Put FT800 core to sleep mode. Clock
gate off, PLL and Oscillator off.
01010000b
00000000b
00000000b
50h
PWRDOWN
Switch off 1.2V internal regulator. Clock,
PLL and Oscillator off.
Clock Switching
01000100b
00000000b
00000000bN
A
44h
CLKEXT
Enable PLL input from Crystal oscillator
or external input clock.
01100010b
00000000b
00000000bN
A
62h
CLK48M
Switch PLL output clock to 48MHz
(default).
01100001b
00000000b
00000000b
61h
CLK36M
Switch PLL output clock to 36MHz.
Miscellaneous
01101000b
00000000b
00000000b
68h
CORERST
Send reset pulse to FT800 core. All
registers and state machines will be
reset.
Table 4-4 Host Command Table
Note: Any command code not specified is reserved and should not be used by the software
4.1.7
Interrupts
The interrupt output pin is enabled by REG_INT_EN. When REG_INT_EN is 0, INT_N is tristate (pulled to
high by external pull-up resistor). When REG_INT_EN is 1, INT_N is driven low when any of the interrupt
flags in REG_INT_FLAGS are high, after masking with REG_INT_MASK. Writing a ‘1’ in any bit of
REG_INT_MASK will enable the correspond interrupt. Each bit in REG_INT_FLAGS is set by a
corresponding interrupt source. REG_INT_FLAGS is readable by the host at any time, and clears when
read.
When the FT800 is in sleep mode, a touch event detected on the touch-screen will drive the INT_N pin to
low regardless the setting of REG_INT_EN and REG_INT_MASK. The MCU can use this signal to serve as
a wakeup event.
Bit
7
6
5
4
Interrupt Sources
CONVCOMPLETE
CMDFLAG
CMDEMPTY
PLAYBACK
Conditions
Touch-screen
conversions
completed
Command FIFO
flag
Command FIFO
empty
Audio playback
ended
Bit
3
2
1
0
Interrupt Sources
SOUND
TAG
TOUCH
SWAP
Conditions
Sound effect
ended
Touch-screen tag
value change
Touch-screen
touch detected
Display list swap
occurred
Table 4-5 Interrupt Flags bit assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com