Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 13 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 13 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Copyright © Bridgetek Pte Ltd
13
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
For I2C memory read transaction, bytes are packed in the I2C protocol as follow:
[start] <DEVICE ADDRESS + write bit>
<00b+Address[21:16]>
<Address[15:8]>
<Address[7:0]>
[restart] <DEVICE ADDRESS + read bit>
<Read data byte 0>
....
<Read data byte n>[stop]
4.1.5
Host Memory Write
For SPI memory write transaction, the host sends a ‘1’ bit and ‘0’ bit, followed by the 22-bit address. This
is followed by the write data.
Byte n
Table 4-2 Host memory write transaction (SPI)
For I2C, memory write transaction bytes are packed in the I2C protocol as follow:-
[start] <DEVICE ADDRESS + write bit>
<10b,Address[21:16]>
<Address[15:8]>
<Address[7:0]>
<Write data byte 0>
....
<Write data byte n> [stop]
4.1.6
Host Command
When sending a command, the host transmits a 3 byte command. Table 4-3 lists all the host command
functions.
Note: ACTIVE command is generated by dummy memory read from address 0 when FT800 is in sleep or
standby mode.
For SPI command transaction, the host sends a ‘0’ bit and ‘1’ bit, followed by the 6-bit command code.
This is followed by 2 bytes 00h.
Table 4-3 Host command transaction (SPI)
7
6
5
4
3
2
1
0
1
0
Address [21:16]
Address [15:8]
Address [7:0]
Byte 0
7
6
5
4
3
2
1
0
0
1
Command [5:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Write Data
Write
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com