Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 26 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 26 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Copyright © Bridgetek Pte Ltd
26
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
4.8 Power Management
4.8.1
Power supply
The FT800 may be operated with a single supply of 3.3V apply to VCC and VCCIO pins. For operation with
host MPU/MCU at lower supply, connect the VCCIO to MPU power to match the interface power.
Symbol
Typical
Description
VCCIO
1.8V, or 2.5V, or 3.3V
Supply for Host interface digital I/O pad only, LCD RGB
interface supply from VCC.
VCC
3.3V
Supply for chip
Table 4-15 Power supply
4.8.2
Internal Regulator and POR
The 1.2V internal regulator provides power to the core circuit. The regulator is disabled when device is in
POWERDOWN state. Power down is activated either by the SCU command write or by holding down the
PD_N pin for at least 5mS to allow the 1.2V decoupling capacitor to discharge fully. The regulator is
enabled only by releasing the PD_N pin. A 47kΩ resistor is recommended to pull the PD_N pin up to
VCCIO, together with a 100nF capacitor to ground in order to delay the 1.2V regulator powering up after
the VCC and VCCIO are stable.
The 1.2V internal regulator requires a compensation capacitor to be stable. A typical design puts a 4.7uF
capacitor with ESR >0.5Ω is required between VCC1V2 to GND pins. Do not connect any load to this pin.
The 1.2V regulator will generate Power-On-Reset (POR) pulse when the output voltage rises above the
POR threshold. The POR will reset all the core digital circuits.
It is possible to use PD_N pin as an asynchronous hardware reset input. Drive PD_N low for at least 5ms
and then drive it high will reset the FT800 chip.
Figure 4-8 1.2V regulator
VCC
PD_N
VCC1V2
VCC
GND
GND
GND
VCCIO
C
R
Cin
10uF
100nF
1.2V
GND
Ccomp
4.7uF
47k
FT800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com