Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Copyright © Bridgetek Pte Ltd
33
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT800 device are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
VCC Supply Voltage
0 to +4
V
VCCIO Supply Voltage
0 to +4
V
DC Input Voltage
-0.5 to + (VCCIO + 0.3)
V
Table 6-1 Absolute Maximum Ratings
* If the devices are stored out of the packaging, beyond this time limit, the devices should be baked
before use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
6.2 DC Characteristics
(Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO
VCCIO operating
supply voltage
1.62
1.80
1.98
V
Normal Operation
2.25
2.50
2.75
V
2.97
3.30
3.63
V
VCC
VCC operating supply
voltage
2.97
3.30
3.63
V
Normal Operation
Icc1
Power Down current
-
1.0
-
µA
Power down mode
Icc2
Sleep current
-
250
-
µA
Sleep Mode
Icc3
Standby current
-
1.5
-
mA
Standby Mode
Icc4
Operating current
-
24
-
mA
Normal Operation
VCC1V2
Regulator Output
voltage
-
1.20
-
V
Normal Operation
Table 6-2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
2.0
-
-
V
Vil
Input Low Voltage
-
-
0.8
V
Vth
Schmitt Hysteresis
Voltage
0.3
0.45
0.5
V
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tristate output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-3 Digital I/O Pin Characteristics (VCC/VCCIO = +3.3V, Standard Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com