Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800Q-R Datasheet(PDF) 31 Page - Bridgetek Pte Ltd.

Part # FT800Q-R
Description  Embedded Video Engine
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT800Q-R Datasheet(HTML) 31 Page - Bridgetek Pte Ltd.

Back Button FT800Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT800Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Copyright © Bridgetek Pte Ltd
31
FT800 Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000039 Clearance No.: BRT#001
Address
Register Name
Bits
Access
Reset
value
Description
10244Ch
REG_VSYNC1
10 r/w
00Ah Vertical sync rise offset
102450h
REG_DLSWAP
2 r/w
00h Display list swap control
102454h
REG_ROTATE
1 r/w
00h Screen 180 degree rotate
102458h
REG_OUTBITS
9 r/w
1B6h Output bit resolution, 3x3x3 bits
10245Ch
REG_DITHER
1 r/w
1 Output dither enable
102460h
REG_SWIZZLE
4 r/w
00h Output RGB signal swizzle
102464h
REG_CSPREAD
1 r/w
1 Output clock spreading enable
102468h
REG_PCLK_POL
1 r/w
0 PCLK polarity:
0 = output on PCLK rising edge,
1 = output on PCLK falling edge
10246Ch
REG_PCLK
8 r/w
00h PCLK frequency divider, 0 = disable
102470h
REG_TAG_X
9 r/w
000h Tag query X coordinate
102474h
REG_TAG_Y
9 r/w
000h Tag query Y coordinate
102478h
REG_TAG
8 r/o
00h Tag query result
10247Ch
REG_VOL_PB
8 r/w
FFh Volume for playback
102480h
REG_VOL_SOUND
8 r/w
FFh Volume for synthesizer sound
102484h
REG_SOUND
16 r/w
0000h Sound effect select
102488h
REG_PLAY
1 r/w
0h Start effect playback
10248Ch
REG_GPIO_DIR
8 r/w
80h GPIO pin direction,
0 = input , 1 = output
102490h
REG_GPIO
8 r/w
00h GPIO pin value (bit 0,1,7);
output pin drive strength(bit 2-6)
102494h
Reserved
-
-
- Reserved
102498h
REG_INT_FLAGS
8 r/o
00h Interrupt flags, clear by read
10249Ch
REG_INT_EN
1 r/w
0h Global interrupt enable
1024A0h
REG_INT_MASK
8 r/w
FFh Interrupt enable mask
1024A4h
REG_PLAYBACK_START
20 r/w
00000h Audio playback RAM start address
1024A8h
REG_PLAYBACK_LENGT
H
20 r/w
00000h Audio playback sample length (bytes)
1024ACh
REG_PLAYBACK_READPT
R
20 r/o
- Audio playback current read pointer
1024B0h
REG_PLAYBACK_FREQ
16 r/w
1F40h Audio playback sampling frequency
(Hz)
1024B4h
REG_PLAYBACK_FORMA
T
2 r/w
0h Audio playback format
1024B8h
REG_PLAYBACK_LOOP
1 r/w
0h Audio playback loop enable
1024BCh
REG_PLAYBACK_PLAY
1 r/o
0h Start audio playback
1024C0h
REG_PWM_HZ
14 r/w
00FAh BACKLIGHT PWM output frequency
(Hz)
1024C4h
REG_PWM_DUTY
8 r/w
80h BACKLIGHT PWM output duty cycle
0=0%, 128=100%
1024C8h
REG_MACRO_0
32 r/w
000000
00h
Display list macro command 0
1024CCh
REG_MACRO_1
32 r/w
000000
00h
Display list macro command 1
1024D0h
–
1024E0h
Reserved
- -
- Reserved
1024E4h
REG_CMD_READ
12 r/w
000h Command buffer read pointer
1024E8h
REG_CMD_WRITE
12 r/w
000h Command buffer write pointer
1024ECh
REG_CMD_DL
13 r/w
0000h Command display list offset
1024F0h
REG_TOUCH_MODE
2 r/w
3h Touch-screen sampling mode
1024F4h
REG_TOUCH_ADC_MOD
E
1 r/w
1h Select single ended (low power) or
differential (accurate) sampling
1024F8h
REG_TOUCH_CHARGE
16 r/w
1770h Touch-screen charge time, units of 6
clocks
1024FCh
REG_TOUCH_SETTLE
4 r/w
3h Touch-screen settle time, units of 6
clocks
102500h
REG_TOUCH_OVERSAMP
4 r/w
7h Touch-screen oversample factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com