Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 188 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 188 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 184Page - Microchip Technology KSZ9563RNXC Datasheet HTML 185Page - Microchip Technology KSZ9563RNXC Datasheet HTML 186Page - Microchip Technology KSZ9563RNXC Datasheet HTML 187Page - Microchip Technology KSZ9563RNXC Datasheet HTML 188Page - Microchip Technology KSZ9563RNXC Datasheet HTML 189Page - Microchip Technology KSZ9563RNXC Datasheet HTML 190Page - Microchip Technology KSZ9563RNXC Datasheet HTML 191Page - Microchip Technology KSZ9563RNXC Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 226 page
background image
KSZ9563R
DS00002419D-page 188
 2017-2018 Microchip Technology Inc.
5.3.3.3
Reserved Multicast Address Table Entry 2 Register
5.3.4
VLAN TABLE
An internal VLAN Table is used for VLAN lookup. If 802.1Q VLAN mode is enabled (Switch Lookup Engine Control 0
Register), this table will be used to retrieve the VLAN information that is associated with the ingress packet. The table
holds 4096 entries - one for each possible VLAN. The table must be set up before 802.1Q VLAN is enabled. The VLAN
table is accessed one entry at a time using the following indirect registers:
• VLAN Table Entry 0 Register
• VLAN Table Entry 1 Register
• VLAN Table Entry 2 Register
• VLAN Table Index Register
• VLAN Table Access Control Register
The table data fields are described in Figure 5-4 and Table 5-4.
Address:
0x0424 - 0x0427
Size:
32 bits
Bits
Description
Type
Default
31:30
RESERVED
R/W
00b
29:3
RESERVED
RO
0x000000
2
Port 3 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b
1
Port 2 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b
0
Port 1 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b
FIGURE 5-4:
VLAN TABLE STRUCTURE
PORT FORWARD
FILTER ID
PORT UNTAG
MSTP INDEX
PRIORITY
FORWARD OPTION
VALID
Entry # 0
Entry # 4095
Entry # 4094
Entry # 1
Entry # 2
Entry # 3
Entry # 4
V FO PRIORITY MSTP FID UNTAG FORWARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com