Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 71 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 71 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 67Page - Microchip Technology KSZ9563RNXC Datasheet HTML 68Page - Microchip Technology KSZ9563RNXC Datasheet HTML 69Page - Microchip Technology KSZ9563RNXC Datasheet HTML 70Page - Microchip Technology KSZ9563RNXC Datasheet HTML 71Page - Microchip Technology KSZ9563RNXC Datasheet HTML 72Page - Microchip Technology KSZ9563RNXC Datasheet HTML 73Page - Microchip Technology KSZ9563RNXC Datasheet HTML 74Page - Microchip Technology KSZ9563RNXC Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 71
KSZ9563R
5.1.2.5
LED Override Register
5.1.2.6
LED Output Register
11
IBA Access Command Error
1 = An IBA packet with an unrecognized command code is received.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
10
IBA Oversize Packet Error
1 = An oversized IBA packet is received. The maximum IBA packet size is
320 bytes, including 8-byte zeros before FCS and the 4-byte FCS. No
response packet is sent.
This bit is cleared when a packet with a matching IBA tag field is received.
RO
0b
9:7
RESERVED
RO
000b
6:0
IBA Access Code Error Location
When IBA Access Command Error (bit 11) is set, these bits indicate the
address location of the wrong command code within the IBA packet.
RO
0x000
Address:
0x0120 - 0x0123
Size:
32 bits
Bits
Description
Type
Default
31:4
RESERVED
RO
0x000000
3:0
Override LED
These bits select whether each LEDx_0 and LEDx_1 pin will function as an
LED or GPO. The LSB bit of this field represents LED1_0, followed by
LED1_1, LED2_0, and LED2_1. When configured as a GPO, the GPO output
is controlled via the LED Output Register.
0 = LEDx_y pin functions as an LED
1 = LEDx_y pin functions as a GPO
0000b
Address:
0x0124 - 0x0127
Size:
32 bits
Bits
Description
Type
Default
31:4
RESERVED
RO
0x000000
3:0
GPO Output Control
When LEDs are configured as a GPO via the LED Override Register, the
output value is controlled via this field. The LSB bit of this field represents
LED1_0, followed by LED1_1, LED2_0, and LED2_1.
0 = LEDx_y pin outputs low
1 = LEDx_y pin outputs high
R/W
0000b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com