Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 1 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 1 Page - Microchip Technology

  KSZ9563RNXC Datasheet HTML 1Page - Microchip Technology KSZ9563RNXC Datasheet HTML 2Page - Microchip Technology KSZ9563RNXC Datasheet HTML 3Page - Microchip Technology KSZ9563RNXC Datasheet HTML 4Page - Microchip Technology KSZ9563RNXC Datasheet HTML 5Page - Microchip Technology KSZ9563RNXC Datasheet HTML 6Page - Microchip Technology KSZ9563RNXC Datasheet HTML 7Page - Microchip Technology KSZ9563RNXC Datasheet HTML 8Page - Microchip Technology KSZ9563RNXC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 1
Highlights
• Non-blocking wire-speed Ethernet switching fabric
• Full-featured forwarding and filtering control, includ-
ing Access Control List (ACL) filtering
• Full VLAN and QoS support
• Two ports with integrated 10/100/1000BASE-T PHYs
• One port with 10/100/1000 Ethernet MAC and
configurable RGMII/MII/RMII interface
• EtherSynch® IEEE 1588v2 Precision Time Protocol
(PTP)
• IEEE 802.1X port-based authentication support
• EtherGreen™ power management features,
including low power standby and IEEE 802.3az
• Flexible management interface options: SPI, I2C,
MIIM, and in-band management via any port
• Commercial/Industrial temperature range support
• 64-pin VQFN (8 x 8mm) lead-free package
Target Applications
• Industrial Ethernet (Profinet, MODBUS, Ethernet/IP)
• Real-time Ethernet networks
• Industrial control/automation switches
• Networked measurement and control systems
• Test and measurement equipment
Features
• Switch Management Capabilities
- 10/100/1000Mbps Ethernet switch basic functions:
frame buffer management, address look-up table,
queue management, MIB counters
- Non-blocking store-and-forward switch fabric assures
fast packet delivery by utilizing 4096 entry forwarding
table with 128kByte frame buffer
- Jumbo packet support up to 9000 bytes
- Port mirroring/monitoring/sniffing:
ingress and/or egress traffic to any port
- Rapid spanning tree protocol (RSTP) support for topol-
ogy management and ring/linear recovery
- Multiple spanning tree protocol (MSTP) support
• One Configurable External MAC Port
- Reduced Gigabit Media Independent Interface
(RGMII) v2.0
- Reduced Media Independent Interface (RMII) v1.2
with 50MHz reference clock input/output option
- Media Independent Interface (MII) in PHY/MAC mode
• Two Robust Integrated PHY Ports
- 1000BASE-T/100BASE-TX/10BASE-T IEEE 802.3
- Fast Link-up option significantly reduces link-up time
- Auto-negotiation and Auto-MDI/MDI-X support
- Energy-Efficient Ethernet (EEE) support with low-
power idle mode and clock stoppage
- On-chip termination resistors and internal biasing for
differential pairs to reduce power
- LinkMD® cable diagnostic capabilities for determining
cable opens, shorts, and length
• Advanced Switch Capabilities
- IEEE 802.1Q VLAN support for 128 active VLAN
groups and the full range of 4096 VLAN IDs
- IEEE 802.1p/Q tag insertion/removal on per port basis
- VLAN ID on per port or VLAN basis
- IEEE 802.3x full-duplex flow control and half-duplex
back pressure collision control
- IEEE 802.1X (Port-Based Network Access Control)
- IGMP v1/v2/v3 snooping for multicast packet filtering
- IPv6 multicast listener discovery (MLD) snooping
- IPv4/IPv6 QoS support, QoS/CoS packet prioritization
- 802.1p QoS packet classification with 4 priority queues
- Programmable rate limiting at ingress/egress ports
• EtherSynch® IEEE 1588v2 PTP
- Transparent Clock (TC) with auto correction update
- Master and slave Ordinary Clock (OC) support
- One-step mode of operation
- End-to-end (E2E) or peer-to-peer (P2P)
- PTP multicast and unicast message support
- PTP message transport over IPv4/v6 and IEEE 802.3
- IEEE 1588v2 PTP packet filtering
• Comprehensive Configuration Registers Access
- High-speed 4-wire SPI (up to 50MHz), I2C interfaces
provide access to all internal registers
- MII Management (MIIM, MDC/MDIO 2-wire) Interface
provides access to all PHY registers
- In-band management via any of the three ports
- I/O pin strapping facility to set certain register bits from
I/O pins at reset time
• Power Management
- IEEE 802.3az Energy Efficient Ethernet (EEE)
- Energy detect power-down mode on cable disconnect
- Dynamic clock tree control
- Unused ports can be individually powered down
- Full-chip software power-down
- Wake-on-LAN (WoL) standby power mode
KSZ9563R
3-Port Gigabit Ethernet Switch
with RGMII/MII/RMII Interface and IEEE 1588v2


Similar Part No. - KSZ9563RNXC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 233P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
KSZ9567RTXI MICROCHIP-KSZ9567RTXI Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9567RTXI-TR MICROCHIP-KSZ9567RTXI-TR Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9567R MICROCHIP-KSZ9567R_V01 Datasheet
3Mb / 233P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
More results

Similar Description - KSZ9563RNXC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ9477S MICROCHIP-KSZ9477S Datasheet
2Mb / 266P
7-Port Gigabit Ethernet Switch with Ring Redundancy, SGMII and RGMII/MII/RMII Interfaces
05/14/19
KSZ8563R MICROCHIP-KSZ8563R Datasheet
1Mb / 221P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
05/14/19
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9893R MICROCHIP-KSZ9893R Datasheet
3Mb / 189P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface
DS00002420D 06-11-19
logo
Microsemi Corporation
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com