Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 47 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 47 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 43Page - Microchip Technology KSZ9563RNXC Datasheet HTML 44Page - Microchip Technology KSZ9563RNXC Datasheet HTML 45Page - Microchip Technology KSZ9563RNXC Datasheet HTML 46Page - Microchip Technology KSZ9563RNXC Datasheet HTML 47Page - Microchip Technology KSZ9563RNXC Datasheet HTML 48Page - Microchip Technology KSZ9563RNXC Datasheet HTML 49Page - Microchip Technology KSZ9563RNXC Datasheet HTML 50Page - Microchip Technology KSZ9563RNXC Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 47
KSZ9563R
4.4.17.5
ACL Registers
Table 4-22 provides a list of ACL related registers.
4.5
IEEE 1588 Precision Time Protocol
The IEEE 1588 precision time protocol (PTP) provides a method for establishing time synchronization across nodes in
a network. The device supports V2 (2008) of the IEEE 1588 PTP specification and can be programmed as either an
end-to-end (E2E) or peer-to-peer (P2P) transparent clock (TC) between ports. In addition, the host port can be pro-
grammed as either a slave or master ordinary clock (OC) port. Ingress timestamp capture, egress timestamp recording,
correction field update with residence time and link delay, delay turn-around time insertion, egress timestamp insertion,
and checksum update are supported. PTP frame filtering is implemented to enhance overall system performance. Delay
adjustments are implemented to fine tune the synchronization. Versatile event trigger outputs and timestamp capture
inputs are implemented to meet various real time application requirements through the GPIO_1 and GPIO_2 pins.
The key features of the IEEE 1588 implementation are:
• One-step event message format
• Implementation of precision time clock per specification
- Upper 16 bits of the second clock not implemented
• Both E2E and P2P TC
• Both slave and master OC
• PTP multicast and unicast addressing
• Transport of PTP over IPv4/IPv6 UDP and IEEE 802.3/Ethernet
• Precision time stamping of input signal on the GPIO_1 and GPIO_2 pins
• Creation and delivery of clock, pulses, or other unique serial bit stream on the GPIO_1 and GPIO_2 pins with
respect to the precision time clock time.
IEEE 1588 defines two essential functions: The measurement of link and residence (switching) delays by using the
Delay_Req/Resp or Pdelay_Req/Resp messages, and the distribution of time information by using the Sync/Follow_Up
messages. The 1588 PTP event messages are periodically sent from the grandmaster in the network to all slave clock
devices. Link delays are measured by each slave node to all its link partners to compensate for the delay of PTP mes-
sages sent through the network.
All PHY ports must be operating at 100Mbps or 1Gbps when implementing IEEE 1588. It is not compatible with 10Mbps.
4.5.1
IEEE 1588 PTP SYSTEM TIME CLOCK
The device’s system time clock (STC) is a readable and writable high-precision counter that is used to keep the PTP
time. The counter resolution is 2-32ns. Figure 4-9 details the PTP Clock.
TABLE 4-22:
ACL REGISTERS
Registers
Description
Port Interrupt Status Register,
Port Interrupt Mask Register
ACL interrupt
Port ACL Access 0 Register through
Port ACL Access F Register,
Port ACL Byte Enable MSB Register,
Port ACL Byte Enable LSB Register,
Port ACL Access Control 0 Register
ACL Table access
Port Priority Control Register
Priority classification
Port Authentication Control Register
ACL enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com