Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 65 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 65 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 61Page - Microchip Technology KSZ9563RNXC Datasheet HTML 62Page - Microchip Technology KSZ9563RNXC Datasheet HTML 63Page - Microchip Technology KSZ9563RNXC Datasheet HTML 64Page - Microchip Technology KSZ9563RNXC Datasheet HTML 65Page - Microchip Technology KSZ9563RNXC Datasheet HTML 66Page - Microchip Technology KSZ9563RNXC Datasheet HTML 67Page - Microchip Technology KSZ9563RNXC Datasheet HTML 68Page - Microchip Technology KSZ9563RNXC Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 65
KSZ9563R
5.1
Global Registers
This section details the device’s global registers. For an overview of the device’s entire register map, refer to Section
5.0, "Device Registers". For details on the device’s port registers, refer to Section 5.2, "Port Registers".
5.1.1
GLOBAL OPERATION CONTROL REGISTERS (0x0000 - 0x00FF)
5.1.1.1
Global Chip ID 0 Register
5.1.1.2
Global Chip ID 1 Register
5.1.1.3
Global Chip ID 2 Register
5.1.1.4
Global Chip ID 3 Register
Address:
0x0000
Size:
8 bits
Bits
Description
Type
Default
7:0
Fixed Value
RO
0x00
Address:
0x0001
Size:
8 bits
Bits
Description
Type
Default
7:0
Chip ID (MSB)
RO
0x98
Address:
0x0002
Size:
8 bits
Bits
Description
Type
Default
7:0
Chip ID (LSB)
RO
0x93
Address:
0x0003
Size:
8 bits
Bits
Description
Type
Default
7:4
Revision ID
RO
-
3:1
RESERVED
RO
-
0
Global Software Reset
Refer to the Switch Operation Register for another reset control bit.
0 = Normal operation
1 = Resets the data path and state machines, but not register values.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com