Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 6 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 6 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 2Page - Microchip Technology KSZ9563RNXC Datasheet HTML 3Page - Microchip Technology KSZ9563RNXC Datasheet HTML 4Page - Microchip Technology KSZ9563RNXC Datasheet HTML 5Page - Microchip Technology KSZ9563RNXC Datasheet HTML 6Page - Microchip Technology KSZ9563RNXC Datasheet HTML 7Page - Microchip Technology KSZ9563RNXC Datasheet HTML 8Page - Microchip Technology KSZ9563RNXC Datasheet HTML 9Page - Microchip Technology KSZ9563RNXC Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 226 page
background image
KSZ9563R
DS00002419D-page 6
 2017-2018 Microchip Technology Inc.
1.2
Buffer Types
TABLE 1-2:
BUFFER TYPES
Buffer Type
Description
I
Input
IPU
Input with internal pull-up (58 k
 ±30%)
IPU/O
Input with internal pull-up (58 k
 ±30%) during power-up/reset;
output pin during normal operation
IPD
Input with internal pull-down (58 k
 ±30%)
IPD/O
Input with internal pull-down (58 k
 ±30%) during power-up/reset;
output pin during normal operation
O8
Output with 8 mA sink and 8 mA source
O24
Output with 24 mA sink and 24 mA source
OPU
Output (8mA) with internal pull-up (58 k
 ±30%)
OPD
Output (8mA) with internal pull-down (58 k
 ±30%)
A
Analog
AIO
Analog bidirectional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
P
Power
GND
Ground
Note:
Refer to Section 6.3, "Electrical Characteristics," on page 196 for the electrical characteristics of the vari-
ous buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com