Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 79 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 79 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 75Page - Microchip Technology KSZ9563RNXC Datasheet HTML 76Page - Microchip Technology KSZ9563RNXC Datasheet HTML 77Page - Microchip Technology KSZ9563RNXC Datasheet HTML 78Page - Microchip Technology KSZ9563RNXC Datasheet HTML 79Page - Microchip Technology KSZ9563RNXC Datasheet HTML 80Page - Microchip Technology KSZ9563RNXC Datasheet HTML 81Page - Microchip Technology KSZ9563RNXC Datasheet HTML 82Page - Microchip Technology KSZ9563RNXC Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 79
KSZ9563R
5.1.4.14
Switch Lookup Engine Control 3 Register
5.1.4.15
Address Lookup Table Interrupt Register
This register provides the detailed interrupt status for the Address Lookup Table. These interrupts are enabled in the
Address Lookup Table Mask Register. The LUE interrupt status bit in the Global Interrupt Status Register is the OR of
the status bits in this register.
Address:
0x0313
Size:
8 bits
Bits
Description
Type
Default
7:0
Age Period
This value, multiplied by the Age Count value in the entries of the Address
Lookup Table, determines the aging time of dynamic entries in that table.
The unit is seconds.
R/W
0x4B
Address:
0x0314
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0x00
2
Learn Fail Interrupt Status
An Address Lookup Table entry was not learned because all entries in the
bucket are static
R/WC
0b
1
Almost Full Interrupt Status
Interrupt indicates that the Address Lookup Table bucket was almost full (2
or 3 valid entries) when a new static entry was written.
R/WC
0b
0
Write Fail Interrupt Status
Interrupt indicates that the Address Lookup Table bucket is full and a write
failed
R/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com