Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 23 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 23 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 19Page - Microchip Technology KSZ9563RNXC Datasheet HTML 20Page - Microchip Technology KSZ9563RNXC Datasheet HTML 21Page - Microchip Technology KSZ9563RNXC Datasheet HTML 22Page - Microchip Technology KSZ9563RNXC Datasheet HTML 23Page - Microchip Technology KSZ9563RNXC Datasheet HTML 24Page - Microchip Technology KSZ9563RNXC Datasheet HTML 25Page - Microchip Technology KSZ9563RNXC Datasheet HTML 26Page - Microchip Technology KSZ9563RNXC Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 23
KSZ9563R
The following programming steps and register settings are for remote PHY loopback mode for 1000BASE-T Master
Mode, 1000BASE-T Slave Mode, 100BASE-TX Mode, and 10BASE-T Mode.
• 1000BASE-T Master Mode
- Set Port N (1-2), PHY 1000BASE-T Control Register= 0x1F00
- Set Port N (1-2), PHY Remote Loopback Register = 0x01F0
- Set Port N (1-2), PHY Basic Control Register = 0x1340
• 1000BASE-T Slave Mode
- Set Port N (1-2), PHY 1000BASE-T Control Register = 0x1300
- Set Port N (1-2), PHY Remote Loopback Register = 0x01F0
- Set Port N (1-2), PHY Basic Control Register = 0x1340
• 100BASE-TX Mode
- Set Port N (1-2), PHY Auto-Negotiation Advertisement Register = 0x0181
- Set Port N (1-2), PHY 1000BASE-T Control Register = 0x0C00
- Set Port N (1-2), PHY Remote Loopback Register = 0x01F0
- Set Port N (1-2), PHY Basic Control Register = 0x3300
• 10BASE-T Mode
- Set Port N (1-2), PHY Auto-Negotiation Advertisement Register = 0x0061
- Set Port N (1-2), PHY 1000BASE-T Control Register = 0x0C00
FIGURE 4-2:
REMOTE PHY LOOPBACK
RJ-45
Switch
Fabric
MAC
10/100/1000
PHY
Device PHY Port N
CAT-5
(UTP)
RJ-45
Ethernet PHY
Link Partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com