Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 85 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 85 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 81Page - Microchip Technology KSZ9563RNXC Datasheet HTML 82Page - Microchip Technology KSZ9563RNXC Datasheet HTML 83Page - Microchip Technology KSZ9563RNXC Datasheet HTML 84Page - Microchip Technology KSZ9563RNXC Datasheet HTML 85Page - Microchip Technology KSZ9563RNXC Datasheet HTML 86Page - Microchip Technology KSZ9563RNXC Datasheet HTML 87Page - Microchip Technology KSZ9563RNXC Datasheet HTML 88Page - Microchip Technology KSZ9563RNXC Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 85
KSZ9563R
5.1.4.25
Switch MAC Control 2 Register
5.1.4.26
Switch MAC Control 3 Register
5.1.4.27
Switch MAC Control 4 Register
Address:
0x0332
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
R/W
0x0
3
Null VID Replacement
Describes the behavior when a packet is received with a null (zero) VID.
1 = Replace a null VID with the Port Default VID as defined in the Port
Default Tag 0 Register and Port Default Tag 1 Register
0 = No replacement of null VID
R/W
0b
2:0
Broadcast Storm Protection Rate bits [10:8]
The remainder of this fields bits are in the Switch MAC Control 3 Register.
Multiply this value by 64 to determine how many bytes of packet data are
allowed on an input port in a preset period. The period is 5ms for a
1000Mbps port, 50ms for a 100Mbps port, or 500ms for a 10Mbps. The
default is 1%.
R/W
000b
Address:
0x0333
Size:
8 bits
Bits
Description
Type
Default
7:0
Broadcast Storm Protection Rate bits [7:0]
The remainder of this fields bits are in the Switch MAC Control 2 Register.
Multiply this value by 64 to determine how many bytes of packet data are
allowed on an input port in a preset period. The period is 5ms for a
1000Mbps port, 50ms for a 100Mbps port, or 500ms for a 10Mbps. The
default is 1%.
R/W
0x4A
Address:
0x0334
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
0000_000b
0
Pass Flow Control Packets
1 = Switch will forward 802.3x PAUSE flow control frames.
0 = Switch will filter PAUSE frames.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com