Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 11 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 11 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 7Page - Microchip Technology KSZ9563RNXC Datasheet HTML 8Page - Microchip Technology KSZ9563RNXC Datasheet HTML 9Page - Microchip Technology KSZ9563RNXC Datasheet HTML 10Page - Microchip Technology KSZ9563RNXC Datasheet HTML 11Page - Microchip Technology KSZ9563RNXC Datasheet HTML 12Page - Microchip Technology KSZ9563RNXC Datasheet HTML 13Page - Microchip Technology KSZ9563RNXC Datasheet HTML 14Page - Microchip Technology KSZ9563RNXC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 11
KSZ9563R
Note 3-1
This pin also provides configuration strap functions during hardware/software resets. Refer to Section
3.2.1, "Configuration Straps" for additional information.
3.2
Pin Descriptions
This sections details the functions of the various device signals.
TABLE 3-1:
PIN ASSIGNMENTS
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
1
TXRX1P_B
17
TXRX2P_D
33
TX_CLK/REFCLKI
49
SCS_N
2
TXRX1M_B
18
TXRX2M_D
34
DVDDL
50
SCL/MDC
3
TXRX1P_C
19
AVDDH
35
TX_EN/TX_CTL
51
DVDDL
4
TXRX1M_C
20
DVDDL
36
TX_ER
52
LED1_0 (Note 3-1)
5
AVDDL
21
RXD3 (Note 3-1)
37
DVDDL
53
LED1_1 (Note 3-1)
6
TXRX1P_D
22
RXD2 (Note 3-1)
38
VDDIO
54
VDDIO
7
TXRX1M_D
23
RXD1 (Note 3-1)
39
GPIO_1
55
DVDDL
8
AVDDH
24
RXD0 (Note 3-1)
40
GPIO_2
56
AVDDL
9
TXRX2P_A
25
RX_CLK/REFCLKO
41
DVDDL
57
XO
10
TXRX2M_A
26
VDDIO
42
LED2_0 (Note 3-1)
58
XI
11
AVDDL
27
RX_DV/CRS_DV/
RX_CTL (Note 3-1)
43
LED2_1 (Note 3-1)
59
GND
12
TXRX2P_B
28
RX_ER (Note 3-1)
44
PME_N (Note 3-1)
60
ISET
13
TXRX2M_B
29
TXD3
45
INTRP_N
61
AVDDH
14
TXRX2P_C
30
TXD2
46
RESET_N
62
TXRX1P_A
15
TXRX2M_C
31
TXD1
47
SDO (Note 3-1)
63
TXRX1M_A
16
AVDDL
32
TXD0
48
SDI/SDA/MDIO
64
AVDDL
Exposed Pad Must be Connected to GND
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Ports 2-1 Gigabit Ethernet Pins
Port 2-1
Ethernet TX/RX
Pair A +
TXRX[2:1]P_A
AIO
Port 2-1 1000BASE-T Differential Data Pair A (+)
Note:
100BASE-TX and 10BASE-T are also sup-
ported on the A and B pairs.
Port 2-1
Ethernet TX/RX
Pair A -
TXRX[2:1]M_A
AIO
Port 2-1 1000BASE-T Differential Data Pair A (-)
Note:
100BASE-TX and 10BASE-T are also sup-
ported on the A and B pairs.
Port 2-1
Ethernet TX/RX
Pair B +
TXRX[2:1]P_B
AIO
Port 2-1 1000BASE-T Differential Data Pair B (+)
Note:
100BASE-TX and 10BASE-T are also sup-
ported on the A and B pairs.
Port 2-1
Ethernet TX/RX
Pair B -
TXRX[2:1]M_B
AIO
Port 2-1 1000BASE-T Differential Data Pair B (-)
Note:
100BASE-TX and 10BASE-T are also sup-
ported on the A and B pairs.
Port 2-1
Ethernet TX/RX
Pair C +
TXRX[2:1]P_C
AIO
Port 2-1 1000BASE-T Differential Data Pair C (+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com