Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 80 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 80 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 76Page - Microchip Technology KSZ9563RNXC Datasheet HTML 77Page - Microchip Technology KSZ9563RNXC Datasheet HTML 78Page - Microchip Technology KSZ9563RNXC Datasheet HTML 79Page - Microchip Technology KSZ9563RNXC Datasheet HTML 80Page - Microchip Technology KSZ9563RNXC Datasheet HTML 81Page - Microchip Technology KSZ9563RNXC Datasheet HTML 82Page - Microchip Technology KSZ9563RNXC Datasheet HTML 83Page - Microchip Technology KSZ9563RNXC Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 226 page
background image
KSZ9563R
DS00002419D-page 80
 2017-2018 Microchip Technology Inc.
5.1.4.16
Address Lookup Table Mask Register
This register masks the Address Lookup Table interrupts in the Address Lookup Table Interrupt Register.
5.1.4.17
Address Lookup Table Entry Index 0 Register
5.1.4.18
Address Lookup Table Entry Index 1 Register
Address:
0x0315
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0x00
2
Learn Fail Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
1
Almost Full Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
0
Write Fail Interrupt Mask
1 = Interrupt is disabled
0 = Interrupt is enabled
R/W
1b
Address:
0x0316 - 0x0317
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:0 /
9:0
Almost Full Entry Index [11:0]
When a static entry is successfully written into the Address Lookup Table,
but the table bucket is almost full (contains 2 or 3 static entries prior to the
write), the entry address is reported here.
Fail Write Index [9:0]
When a static entry write failure occurs in the Address Lookup Table, the
bucket address is reported here.
RO
0x000
Address:
0x0318 - 0x0319
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
0000_00
9:0
Fail Learn Index
When a destination address fails to be learned in the Address Lookup Table
because the bucket contains 4 static entries, the bucket address is reported
here.
RO
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com