Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 15 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 15 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 11Page - Microchip Technology KSZ9563RNXC Datasheet HTML 12Page - Microchip Technology KSZ9563RNXC Datasheet HTML 13Page - Microchip Technology KSZ9563RNXC Datasheet HTML 14Page - Microchip Technology KSZ9563RNXC Datasheet HTML 15Page - Microchip Technology KSZ9563RNXC Datasheet HTML 16Page - Microchip Technology KSZ9563RNXC Datasheet HTML 17Page - Microchip Technology KSZ9563RNXC Datasheet HTML 18Page - Microchip Technology KSZ9563RNXC Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 15
KSZ9563R
Miscellaneous Pins
Interrupt
INTRP_N
OPU
Active low, open-drain interrupt.
Note:
This pin requires an external pull-up resistor.
Power
Management
Event
PME_N
IPU/O8
Power Management Event.
This output signal indicates that an energy detect event has
occurred. It is intended to be used as a system request to
wake up from a low power mode.
Note:
The assertion polarity is programmable (default
active low). An external pull-up resistor is
required for active-low operation; an external
pull-down resistor is required for active-high
operation.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
System Reset
RESET_N
IPU
Active low system reset.
The device must be reset either during or after power-on.
An RC circuit is suggested for power-on reset.
Crystal Clock /
Oscillator Input
XI
ICLK
Crystal clock / oscillator input.
When using a 25MHz crystal, this input is connected to one
lead of the crystal. When using a 2.5V oscillator, this pin is
the input from the oscillator. The crystal oscillator should
have a tolerance of ±50ppm.
Crystal Clock
Output
XO
OCLK
Crystal clock / oscillator output.
When using a 25MHz crystal, this output is connected to
one lead of the crystal. When using a 2.5V oscillator, this
pin is left unconnected.
General
Purpose
Input/Output 1
GPIO_1
IPU/O8
This signal can be used for IEEE 1588 applications and is
synchronized to the IEEE 1588 clock. It can be pro-
grammed as an input for timestamp capture, or an output
for even trigger. A host processor can be used to control (as
an output) or sample (as an input) this signal via device reg-
isters.
General
Purpose
Input/Output 2
GPIO_2
IPU/O8
This signal can be used for IEEE 1588 applications and is
synchronized to the IEEE 1588 clock. It can be pro-
grammed as an input for timestamp capture, or an output
for even trigger. A host processor can be used to control (as
an output) or sample (as an input) this signal via device reg-
isters.
Transmit
Output Current
Set Resistor
ISET
A
Transmit output current set resistor.
This pin configures the physical transmit output current. It
must be connected to GND through a 6.04kΩ 1% resistor.
Power/Ground Pins
+3.3/2.5/1.8V
I/O Power
VDDIO
P
+3.3V / +2.5V / +1.8V I/O Power
+3.3/2.5V
Analog Power
AVDDH
P
+3.3V / +2.5V Analog Power
+1.2V
Analog Power
AVDDL
P
+1.2V Analog Power
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com