Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 38 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 38 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 34Page - Microchip Technology KSZ9563RNXC Datasheet HTML 35Page - Microchip Technology KSZ9563RNXC Datasheet HTML 36Page - Microchip Technology KSZ9563RNXC Datasheet HTML 37Page - Microchip Technology KSZ9563RNXC Datasheet HTML 38Page - Microchip Technology KSZ9563RNXC Datasheet HTML 39Page - Microchip Technology KSZ9563RNXC Datasheet HTML 40Page - Microchip Technology KSZ9563RNXC Datasheet HTML 41Page - Microchip Technology KSZ9563RNXC Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 226 page
background image
KSZ9563R
DS00002419D-page 38
 2017-2018 Microchip Technology Inc.
By default tail tagging is disabled. To Enable it, set the Tail Tag Enable bit in one of the Port Operation Control 0 Register
at address 0xN020 for port “N”. When this bit is set for one port, that port is referred to as the “host” port. Do not set the
Tail Tag Enable bit for more than one port.
When IEEE 1588 Precision Time Protocol (PTP) Mode is enabled, the format of the tail tag changes. Specifically, a four
byte timestamp field is added between the payload and the tail tag as shown in Figure 4-6. PTP mode is enabled by
setting bit 6 in Global PTP Message Config 1 Register. Note that the KSZ8441/62/63 use a different method for passing
the timestamp between the switch and host.
In the switch-to-host direction, the switch sets the PTP Message Indication bit in the tail tag to indicate when the four-
byte receive timestamp is present. When PTP Message Indication is not set, the four-byte timestamp field is not present.
It is therefore essential for the host processor to read bit 7 of each tail tag in order to know the packet format.
The 32-bit timestamp consists of 2 bits for “seconds” and 30 bits for “nanoseconds”. The timestamp format is:
(((second & 3) << 30) | nanosecond).
In the host-to-switch direction, the 4-byte timestamp field is always present when PTP is enabled, as shown in Figure 4-
6. This is true for all packets sent by the host, including IBA packets. The host uses this field to insert the receive time-
stamp from PTP Pdelay_Req messages into the Pdelay_Resp messages. For all other traffic and PTP message types,
the host should populate the timestamp field with zeros.
4.4.10
IGMP SUPPORT
For Internet Group Management Protocol (IGMP) support in Layer 2, the device provides two components:
• “IGMP” Snooping
• “Multicast Address Insertion” in the Static MAC Table
4.4.10.1
“IGMP” Snooping
The device traps IGMP packets and forwards them only to the processor (host port). The IGMP packets are identified
as IP packets (either Ethernet IP packets, or IEEE 802.3 SNAP IP packets) with IP version = 0x4 and protocol version
number = 0x2.
4.4.10.2
“Multicast Address Insertion” in the Static MAC Table
Once the multicast address is programmed in the Static Address Table or Address Lookup Table, the multicast session
is trimmed to the subscribed ports, instead of broadcasting to all ports.
So that the host processor knows which port the IGMP packet was received on, Tail Tagging Mode must be enabled.
4.4.11
IPV6 MLD SNOOPING
The device traps IPv6 Multicast Listener Discovery (MLD) packets and forwards them only to the processor (host port).
2
Forward to Port 3
1
Forward to Port 2
0
Forward to Port 1
FIGURE 4-6:
TAIL TAG FRAME FORMAT IN PTP MODE
Note:
The port for which Tail Tagging Mode is enabled is the host port.
TABLE 4-14:
TRANSMIT TAIL TAG FORMAT (FROM HOST TO SWITCH) (CONTINUED)
Bits
Description
DESTINATION
ADDRESS
SOURCE
ADDRESS
6
6
802.1Q
TAG
(4)
ETYPE or
LENGTH
2
TIME
STAMP
4
PAYLOAD
46 (42) - 1500
FCS
4
BYTES
TAIL
TAG
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com