Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 36 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 36 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 32Page - Microchip Technology KSZ9563RNXC Datasheet HTML 33Page - Microchip Technology KSZ9563RNXC Datasheet HTML 34Page - Microchip Technology KSZ9563RNXC Datasheet HTML 35Page - Microchip Technology KSZ9563RNXC Datasheet HTML 36Page - Microchip Technology KSZ9563RNXC Datasheet HTML 37Page - Microchip Technology KSZ9563RNXC Datasheet HTML 38Page - Microchip Technology KSZ9563RNXC Datasheet HTML 39Page - Microchip Technology KSZ9563RNXC Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 226 page
background image
KSZ9563R
DS00002419D-page 36
 2017-2018 Microchip Technology Inc.
4.4.7
RAPID SPANNING TREE SUPPORT
There are three operational states assigned to each port for the Rapid Spanning Tree Protocol (RSTP):
1.
Discarding State
2.
Learning State
3.
Forwarding State
4.4.7.1
Discarding State
Discarding ports do not participate in the active topology and do not learn MAC addresses.
• Discarding state: the state includes three states of the disable, blocking and listening of STP.
• Port setting: transmit enable = “0”, receive enable = “0”, learning disable = “1”.
• Software action: The host processor should not send any packets to the port. The switch may still send specific
packets to the processor (packets that match some entries in the static table with “overriding bit” set) and the pro-
cessor should discard those packets. When the port's learning capability (learning disable = '1') is disabled, port
related entries in the ALU table and static MAC table can be rapidly flushed.
4.4.7.2
Learning State
Ports in “learning state” learn MAC addresses, but do not forward user traffic.
• Learning State: Only packets to and from the host processor are forwarded. Learning is enabled.
• Port setting for Learning State: transmit enable = “0”, receive enable = “0”, learning disable = “0”.
• Software action: The processor should program the Static Address Table with the entries that it needs to receive
(e.g., BPDU packets). The “overriding” bit should be set so that the switch will forward those specific packets to
the processor. The processor may send packets to the port(s) in this state (see Section 4.4.9, "Tail Tagging Mode"
for details). Address learning is enabled on the port in this state.
4.4.7.3
Forwarding State
Ports in “forwarding states” fully participate in both data forwarding and MAC learning.
• Forwarding state: Packets are forwarded and received normally. Learning is enabled.
• Port setting: transmit enable = “1”, receive enable = “1”, learning disable = “0”.
• Software action: The host processor should program the Static Address Table with the entries that it needs to
receive (e.g., BPDU packets). The “overriding” bit should be set so that the switch will forward those specific pack-
ets to the processor. The processor may send packets to the port(s) in this state (see Section 4.4.9, "Tail Tagging
Mode" for details). Address learning is enabled on the port in this state.
RSTP uses only one type of BPDU called RSTP BPDUs. They are similar to STP configuration BPDUs with the excep-
tion of a type field set to “version 2" for RSTP and “version 0" for STP, and a flag field carrying additional information.
Learning State
Port Setting
Software Action
Only packets to and from the
processor are forwarded.
Learning is enabled.
transmit enable = 0
receive enable = 0
learning disable = 0
The processor should program the “Static MAC
Table” with the entries that it needs to receive (for
example, BPDU packets). The “overriding” bit should
be set so that the switch will forward those specific
packets to the processor. The processor may send
packets to the port(s) in this state. Address learning
is enabled on the port in this state.
Forwarding State
Port Setting
Software Action
Packets are forwarded and
received normally.
Learning is enabled.
transmit enable = 1
receive enable = 1
learning disable = 0
The processor programs the “Static MAC Table” with
the entries that it needs to receive (for example,
BPDU packets). The “overriding” bit is set so that the
switch forwards those specific packets to the proces-
sor. The processor can send packets to the port(s) in
this state. Address learning is enabled on the port in
this state.
TABLE 4-12:
SPANNING TREE STATES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com