Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 203 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 203 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 199Page - Microchip Technology KSZ9563RNXC Datasheet HTML 200Page - Microchip Technology KSZ9563RNXC Datasheet HTML 201Page - Microchip Technology KSZ9563RNXC Datasheet HTML 202Page - Microchip Technology KSZ9563RNXC Datasheet HTML 203Page - Microchip Technology KSZ9563RNXC Datasheet HTML 204Page - Microchip Technology KSZ9563RNXC Datasheet HTML 205Page - Microchip Technology KSZ9563RNXC Datasheet HTML 206Page - Microchip Technology KSZ9563RNXC Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 203
KSZ9563R
6.4.2.4
MII Input Timing in PHY Mode
FIGURE 6-5:
MII INPUT TIMING IN PHY MODE
TABLE 6-6:
MII INPUT TIMING IN PHY MODE VALUES
Symbol
Description
Min
Typ
Max
Units
tP
(100BASE-TX /
10BASE-T)
TX_CLK period
40/400
ns
tWL
(100BASE-TX /
10BASE-T)
TX_CLK pulse width low
20/200
ns
tWH
(100BASE-TX /
10BASE-T)
TX_CLK pulse width high
20/200
ns
tSU1
TXD[3:0] setup time to rising edge of TX_CLK
10
ns
tSU2
TX_EN, TX_ER setup time to rising edge of TX_CLK
10
ns
tHD1
TXD[3:0] hold time from rising edge of TX_CLK
0ns
tHD2
TX_EN, TX_ER hold time from rising edge of TX_CLK
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com