Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 101 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 101 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 97Page - Microchip Technology KSZ9563RNXC Datasheet HTML 98Page - Microchip Technology KSZ9563RNXC Datasheet HTML 99Page - Microchip Technology KSZ9563RNXC Datasheet HTML 100Page - Microchip Technology KSZ9563RNXC Datasheet HTML 101Page - Microchip Technology KSZ9563RNXC Datasheet HTML 102Page - Microchip Technology KSZ9563RNXC Datasheet HTML 103Page - Microchip Technology KSZ9563RNXC Datasheet HTML 104Page - Microchip Technology KSZ9563RNXC Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 101
KSZ9563R
5.1.5.4
VLAN Table Index Register
5.1.5.5
VLAN Table Access Control Register
Address:
0x040C - 0x040D
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:0
VLAN Index
This value addresses the VLAN table, in combination with the VLAN table
action in the following register.
R/W
0x000
Note:
Refer to Section 5.3.4, "VLAN Table," on page 188 for additional information on VLAN tables.
Address:
0x040E
Size:
8 bits
Bits
Description
Type
Default
7
Start VLAN Table Action
1 = Start the action defined below
0 = Action finished
R/W
SC
0b
6:2
RESERVED
RO
000_00b
1:0
Action
Specify the action to be taken for the VLAN table entry addressed in the
index register
00 = No operation
01 = Write
10 = Read
11 = Clear all entries to zero
R/W
00b
Note:
Refer to Section 5.3.4, "VLAN Table," on page 188 for additional information on VLAN tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com