Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 146 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 146 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 142Page - Microchip Technology KSZ9563RNXC Datasheet HTML 143Page - Microchip Technology KSZ9563RNXC Datasheet HTML 144Page - Microchip Technology KSZ9563RNXC Datasheet HTML 145Page - Microchip Technology KSZ9563RNXC Datasheet HTML 146Page - Microchip Technology KSZ9563RNXC Datasheet HTML 147Page - Microchip Technology KSZ9563RNXC Datasheet HTML 148Page - Microchip Technology KSZ9563RNXC Datasheet HTML 149Page - Microchip Technology KSZ9563RNXC Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 226 page
background image
KSZ9563R
DS00002419D-page 146
 2017-2018 Microchip Technology Inc.
5.2.2.16
PHY LinkMD Register
PHY register 0x12.
Address:
0xN124 - 0xN125
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
Cable Diagnostic Test Enable
Write value:
1 = Enable cable diagnostic test. After test has completed, this bit is self-
cleared.
0 = Disable cable diagnostic test.
Read value:
1 = Cable diagnostic test is in progress.
0 = Indicates cable diagnostic test (if enabled) has completed and the status
information is valid for read.
R/W, SC
0b
14
RESERVED
R/W
0b
13:12
Cable Diagnostic Test Pair
These two bits select the differential pair for testing:
00 = Differential pair A
01 = Differential pair B
10 = Differential pair C
11 = Differential pair D
R/W
00b
11:10
RESERVED
R/W
00b
9:8
Cable Diagnostic Status
00 = Normal cable condition (no fault detected)
01 = Open cable fault detected
10 = Short cable fault detected
11 = Reserved
RO
00b
7:0
RESERVED
RO
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com