Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 165 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 165 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 161Page - Microchip Technology KSZ9563RNXC Datasheet HTML 162Page - Microchip Technology KSZ9563RNXC Datasheet HTML 163Page - Microchip Technology KSZ9563RNXC Datasheet HTML 164Page - Microchip Technology KSZ9563RNXC Datasheet HTML 165Page - Microchip Technology KSZ9563RNXC Datasheet HTML 166Page - Microchip Technology KSZ9563RNXC Datasheet HTML 167Page - Microchip Technology KSZ9563RNXC Datasheet HTML 168Page - Microchip Technology KSZ9563RNXC Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 165
KSZ9563R
5.2.6.18
Port ACL Byte Enable LSB Register
5.2.6.19
Port ACL Access Control 0 Register
Address:
0xN611
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
Byte Enable [7:0]
Each bit enables accessing one of the ACL bytes when a read or write is
initiated by writing to the Port ACL Byte Enable LSB Register.
Bit 0 applies to the Port ACL Access F Register
Bit 1 applies to the Port ACL Access E Register, etc.
Bit 7 applies to the Port ACL Access 8 Register
1 = Byte is selected for read/write
0 = Byte is not selected
R/W
0x00
Address:
0xN612
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/O
0b
6
Write Status
1 = Write operation is complete
0 = Write operation is not complete
RO
1b
5
Read Status
1 = Read operation is complete
0 = Read operation is not complete; continue polling until this bit is set before
reading results registers
RO
1b
4
Write / Read
1 = Write
0 = Read
R/W
0b
3:0
ACL Index
R/W
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com