Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 170 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 170 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 166Page - Microchip Technology KSZ9563RNXC Datasheet HTML 167Page - Microchip Technology KSZ9563RNXC Datasheet HTML 168Page - Microchip Technology KSZ9563RNXC Datasheet HTML 169Page - Microchip Technology KSZ9563RNXC Datasheet HTML 170Page - Microchip Technology KSZ9563RNXC Datasheet HTML 171Page - Microchip Technology KSZ9563RNXC Datasheet HTML 172Page - Microchip Technology KSZ9563RNXC Datasheet HTML 173Page - Microchip Technology KSZ9563RNXC Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 226 page
background image
KSZ9563R
DS00002419D-page 170
 2017-2018 Microchip Technology Inc.
5.2.7.7
Port Police Control Register
Address:
0xN80C - 0xN80F
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
31:12
RESERVED
RO
0x00000
11
Dropped Color
1 = Color packet PMON holds dropped packets of that color
0 = Color packet PMON holds all packets of that color
R/W
0b
10
Drop All
1 = All packets are dropped while max threshold is exceeded in PM WRED
0 = Drop packet based on WRED_PM_PROB_MULTIPLIER
R/W
0b
9:8
Packet Type
PMON packet type to be read for the connection from Queue Pointer of the
port pointed by Port Index
11 = WRED_PMON holds the number of RED packets while read
10 = WRED_PMON holds the number of YELLOW packets while read
01 = WRED_PMON holds the number of GREEN packets while read
00 = WRED_PMON holds the number of dropped packets while read
R/W
00b
7
Port Based Policing
1 = Policing is per-port per-queue based
0 = Policing is per-queue based only,
Port Index = 0 is used to set aggregated CIR, PIR for each queue
R/W
0b
6:5
NONDSCP_COLOR
Color of non-IP frame for color aware
R/W
01b
4
Color Mark Enable
1 = DSCP color mark enable
0 = DSCP color mark disable
R/W
0b
3
Color Remap Enable
1 = DSCP color remap enable for color aware
0 = DSCP color remap disable, use DSCP color
R/W
0b
2
Drop SRP
1 = Allow drop SRP packets while WRED is enabled
0 = Don’t allow drop SRP packet while WRED is enabled
R/W
0b
1
Police Mode
This bit sets the policing modes for the queue if policing is enabled
1 = Color blind
0 = Color aware mode
R/W
0b
0
Police Enable
1 = Enable policing and WRED
0 = Disable policing and WRED
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com