Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 183 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 183 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 179Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 180Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 181Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 182Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 183Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 184Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 185Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 186Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 183
KSZ9563R
5.3.1.2
Address Lookup Table Search Operation
The second method to access the Address Lookup Table is through the search operation. The entire table is searched
sequentially, revealing each valid entry. Invalid address entries are skipped, providing an efficient way to search the
entire table. Setting the START_FINISH bit in the ALU Table Access Control Register begins the search from the top of
the table. This bit is cleared when the search is complete. During the table search, the VALID bit in the ALU Table Access
Control Register is cleared when the search starts. The VALID bit indicates when a found valid entry is available in the
ALU Table Entry registers (0x0420 - 0x042F). After reading the last ALU Table Entry register (ALU Table Entry 4 Reg-
ister), the search process automatically continues to seek the next valid entry in the address table. The START_FINISH
bit remains set until all the valid entries in the table have been returned. The search can be stopped any time by setting
the ALU Table Access Control Register START_FINISH bit to 0.
1.
Write to the ALU Table Access Control Register.
a) Set the ACTION field to 11 to indicate a search operation.
b) Set the START_FINISH bit to initiate the operation.
2.
Poll the VALID bit until it is set.
a) If register access is by in-band management (IBA) rather than SPI or I2C, poll VALID_ENTRY_OR_-
SEARCH_END instead. This bit goes high to indicate either a new valid entry is returned or the search is
complete.
3.
Read the entry from the ALU Table Entry 1 Register, ALU Table Entry 2 Register, ALU Table Entry 3 Register,
and ALU Table Entry 4 Register, in that order.
a) If the search has ended and there are no more valid entries to read, these registers will return all zeros. In
this case, go to step 5.
4.
If START_FINISH = 0, go to step 5; else go to step 2.
5.
Read VALID_COUNT to verify the number of valid entries.
5.3.1.3
Address Lookup Table Write Operation
1.
Perform a read operation to get the contents of the current entry. The values are kept in the ALU Table Entry 1
Register, ALU Table Entry 2 Register, ALU Table Entry 3 Register, and ALU Table Entry 4 Register.
2.
Modify the correct entry as necessary. Set the STATIC bit so that the entry is not aged out.
3.
Write to the ALU Table Access Control Register.
a) Set the ACTION field to 01 to indicate a write operation.
b) Select the addressing method via the DIRECT bit.
c) Set the START_FINISH bit to initiate the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com