Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 185 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 185 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 181Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 182Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 183Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 184Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 185Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 186Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 187Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 188Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 185
KSZ9563R
5.3.1.6
ALU Table Entry 3 Register
5.3.1.7
ALU Table Entry 4 Register
5.3.2
STATIC ADDRESS TABLE
The Static Address Table is one of three tables used for MAC address lookup. It can hold up to 16 static address entries,
thereby minimizing the number of static entries that may need to be programmed into the Address Lookup Table, which
is used primarily for dynamic entries. In response to a destination address (DA) lookup, all tables are searched to make
a packet forwarding decision. Entries in this table are programmed by the host processor, and are never aged.
A static DA lookup result (in either this table or the Address Lookup Table) takes precedence over the dynamic DA
lookup result.
The Static Address Table has 16 entries and is accessed indirectly. The Static Address and Reserved Multicast Table
Control Register is used for indexing and read/write control. The following registers are used for the data fields:
• Static Address Table Entry 1 Register
• Static Address Table Entry 2 Register
• Static Address Table Entry 3 Register
• Static Address Table Entry 4 Register
5.3.2.1
Static Address Table Write Operation
1.
Write the content of the table entry to the Static Address Table Entry 1 Register, Static Address Table Entry 2
Register, Static Address Table Entry 3 Register, and Static Address Table Entry 4 Register.
2.
Write to the Static Address and Reserved Multicast Table Control Register.
a) Write the TABLE_INDEX field with the 4-bit index value.
b) Set the TABLE_SELECT bit to 0 to select the Static Address Table.
c) Set the ACTION bit to 0 to indicate a write operation.
d) Set the START_FINISH bit to 1 to initiate the operation.
3.
When the operation is complete, the START_FINISH bit will be cleared automatically.
5.3.2.2
Static Address Table Read Operation
1.
Write to the Static Address and Reserved Multicast Table Control Register.
a) Write the TABLE_INDEX field with the 4-bit index value.
b) Set the TABLE_SELECT bit to 0 to select the Static Address Table.
c) Set the ACTION bit to 1 to indicate a read operation.
Address:
0x0428 - 0x042B
Size:
32 bits
Bits
Description
Type
Default
31:23
RESERVED
RO
0x000
22:16
FID
VLAN group ID for matching
R/W
000_0000
15:0
MAC Address [47:32]
R/W
0x0000
Address:
0x042C - 0x042F
Size:
32 bits
Bits
Description
Type
Default
31:0
MAC Address [31:0]
R/W
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com