Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC-TR Datasheet(PDF) 192 Page - Microchip Technology

Part # KSZ9563RNXC-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC-TR Datasheet(HTML) 192 Page - Microchip Technology

Back Button KSZ9563RNXC-TR Datasheet HTML 188Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 189Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 190Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 191Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 192Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 193Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 194Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 195Page - Microchip Technology KSZ9563RNXC-TR Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 226 page
background image
KSZ9563R
DS00002419D-page 192
 2017-2018 Microchip Technology Inc.
5.3.6.1
MIB Counter Read Operation
Indirect access registers are used to read the MIB counters. Separate access registers are provided for each port via
the Port MIB Control and Status Register and Port MIB Data Register. All MIB Counters are read-clear. The steps for
reading a counter are as follows:
1.
Write the MIB Index to bits [23:16] of the Port MIB Control and Status Register.
2.
Set the MIB Read Enable in bit 25 of the Port MIB Control and Status Register. This step and the previous step
may be done together.
3.
Read the MIB Read Enable / Count Valid in bit 25 of the Port MIB Control and Status Register. A '0' value indi-
cates that the read is complete and the count is valid.
4.
Read the count value from the Port MIB Data Register. For 36-bit counters, counter bits [35:32] are read from the
Port MIB Control and Status Register. The Counter Overflow bit is also found in the Port MIB Control and Status
Register.
0x15
TxHiPriorityByte
30
TX high priority good octet count, including PAUSE packets.
0x16
TxLateCollision
30
Collision is detected later than 512 bit times into the transmission of a
packet.
0x17
TxPausePkts
30
PAUSE frames transmitted. PAUSE is EtherType (0x8808), DA, control
opcode (0x0001), minimum 64 byte data length, and a valid CRC.
0x18
TxBroadcastPkts
30
TX good broadcast packets. Does not include erred broadcast packets or
valid multicast packets.
0x19
TxMulticastPkts
30
TX good multicast packets. Does not include MAC control frames, erred
multicast packets, or valid broadcast packets.
0x1A
TxUnicastPkts
30
TX good unicast packets.
0x1B
TxDeferred
30
TX packets where the first transmit attempt is delayed due to the busy
medium.
0x1C
TxTotalCollision
30
TX total collisions. Half duplex only.
0x1D
TxExcessiveCollision
30
TX fails due to excessive collisions.
0x1E
TxSingleCollision
30
Successfully transmitted frames where transmission is inhibited by
exactly one collision.
0x1F
TxMultipleCollision
30
Successfully transmitted frames where transmission is inhibited by more
than one collision.
0x80
RxByteCnt
36
RX byte count.
0x81
TxByteCnt
36
TX byte count.
0x82
RxDropPackets
30
RX packets dropped due to lack of resources.
0x83
TXDropPackets
30
TX packets dropped due to lack of resources.
TABLE 5-6:
MIB COUNTERS (CONTINUED)
MIB
Index
MIB Counter
Size
(bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com